전자부품 데이터시트 검색엔진 |
|
4NT91-6 데이터시트(PDF) 6 Page - Honeywell Accelerometers |
|
4NT91-6 데이터시트(HTML) 6 Page - Honeywell Accelerometers |
6 / 9 page Manual Switches NT Series Flat Base Sealed Toggles and Rockers 112 Honeywell MICRO SWITCH Sensing and Control 1-800-537-6945 USA 1-815-235-6847 International 1-800-737-3360 Canada UL AND CSA ELECTRICAL RATINGS Rating Code* Electrical Rating L192 10 amps, 125, 250, 277 VAC; 1⁄4 Hp, 125 VAC; 1⁄2 Hp, 250, 277 VAC; 3 amps, 125 VAC ‘‘L’’ L191 15 amps, 125, 250, 277 VAC; 1⁄2 Hp, 125 VAC; 1 Hp, 250, 277 VAC; 5 amps, 125 VAC ‘‘L’’ ELECTRICAL RATINGS In Amperes 115 Volts AC 28 Volts DC 115 VDC 250 VDC 60 & 400 Hz 230 VAC Rating Code Ind. Res. Lamp Res. Res. Ind. Res. Lamp Res. 1 12 20 5 0.75 0.5 10 15 3 6 2 10 15 4 0.75 0.5 7 15 2 6 3 15 20 7 0.75 0.5 15 15 4 6 4 10 18 5 0.75 0.5 8 11 2 6 Application Note: Honeywell MICRO SWITCH does not recommend the use of silver cadmium oxide switch contacts in non-arcing loads. Non-arcing loads are generally loads less than 12 volts and/or 0.5 amp. NT switches use silver cadmium oxide contacts. For other options, contact the MICRO SWITCH Application Center at 1-800-537-6945. Spring-loaded actuating mechanism provides tactile feedback High impact strength, non-tracking case enhances electrical stability Temperature range: –40 to 71°C (–40 to 160°F) UL Recognized, File E12252, vol. 1, section 44 CSA Certified, File LR4442 CE approved GENERAL INFORMATION MICRO SWITCH NT Series toggle switches are designed to meet severe environment application needs for rugged, cost-effective manual switches. These flat base style products are identical to the stepped base style in construction and features. The flat base allows for PC board or con- nector use for easy wiring/connection. The flat base NT toggle switches are provided with quick-connect (spade) termination. Mating connectors are available. TERMINAL CIRCUIT IDENTIFICATION Terminal identifications are referenced in the order guides to indicate which circuits are made in each toggle position (e.g. ‘‘1-2’’ refers to circuit closure through ter- minals 1 and 2). FEATURES Sealed switching chamber 1 or 2-pole circuitry 2 or 3 position maintained and momentary action Flat base with quick-connect terminals – mating connectors are available |
유사한 부품 번호 - 4NT91-6 |
|
유사한 설명 - 4NT91-6 |