전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7492ARU-5-REEL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7492ARU-5-REEL7
상세설명  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7492ARU-5-REEL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7492ARU-5-REEL7 Datasheet HTML 6Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 7Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 8Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 9Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 10Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 11Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 12Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 13Page - Analog Devices AD7492ARU-5-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7492
Rev. A | Page 10 of 24
TYPICAL PEFORMANCE CHARACTERISTICS
INPUT FREQUENCY (kHz)
60
0
61
62
63
64
65
66
67
68
69
70
71
3V
5V
500
1000
1500
2000
2500
Figure 4. Typical SNR + D vs. Input Tone
50
55
60
65
70
75
80
85
90
95
3V
5V
INPUT FREQUENCY (kHz)
100
200
350
500
1000
2000
Figure 5. Typical THD vs. Input Tone
SUPPLY (Volts)
69.0
69.2
69.4
69.6
69.8
70.0
70.2
70.4
70.60
–40°C
+25°C
–55°C
+125°C
+85°C
2.50
3.0
3.5
4.0
4.5
5.0
5.5
Figure 6. Typical SNR vs. Supply
–120
–100
–80
–60
–40
–20
0
FREQUENCY (Hz)
0
100000
200000
300000
400000
500000
600000
Figure 7. Typical SNR @ 500 kHz Input Tone
FREQUENCY (Hz)
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
5V
1
10
100
1000
10000
100000
Figure 8. Typical Bandwidth
–120
–100
–80
–60
–40
–20
0
VCC = 5V
100mV p-p SINEWAVE ON VCC
fSAMPLE = 1MHz, fIN = 100kHz
VCC RIPPLE FREQUENCY (kHz)
0 5 10 16 20 26 31 36 41 46 51 57 61 67 72 77 82 88 92 97
3 8 13 18 23 28 34 39 44 49 54 59 64 69 74 80 84 89 94 100
Figure 9. Typical Power Supply Rejection Ratio (PSRR)


유사한 부품 번호 - AD7492ARU-5-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7492ARU-5-REEL7 AD-AD7492ARU-5-REEL7 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
More results

유사한 설명 - AD7492ARU-5-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7492 AD-AD7492_01 Datasheet
194Kb / 16P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492 AD-AD7492_15 Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492BRUZ AD-AD7492BRUZ Datasheet
513Kb / 24P
   1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492 AD-AD7492_17 Datasheet
374Kb / 25P
   1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
logo
Texas Instruments
ADS9120 TI1-ADS9120 Datasheet
1Mb / 64P
[Old version datasheet]   16-Bit, 2.5-MSPS, 15.5-mW, SAR ADC
logo
Analog Devices
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470 Datasheet
197Kb / 16P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. A
AD7472ARZ AD-AD7472ARZ Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com