전자부품 데이터시트 검색엔진 |
|
AD7875KNZ1 데이터시트(PDF) 9 Page - Analog Devices |
|
AD7875KNZ1 데이터시트(HTML) 9 Page - Analog Devices |
9 / 28 page AD7870/AD7875/AD7876 Rev. C | Page 9 of 28 DIP and SOIC Pin No. PLCC Pin No. Mnemonic Function 18 21 AGND Analog Ground. Ground reference for track-and-hold, reference and DAC. 19 23 REF OUT Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load capability is 500 μA. 20 24 VIN Analog Input. The analog input range is ±3 V for the AD7870, ±10 V for the AD7876, and 0 V to +5 V for the AD7875. 21 25 VSS Negative Supply, −5 V ± 5%. 22 26 12/8/CLK Three Function Input. Defines the data format and serial clock format. With this pin at +5 V, the output data for-mat is 12-bit parallel only. With this pin at 0 V, either byte or serial data is available and SCLK is not continuous. With this pin at −5 V, either byte or serial data is again available but SCLK is now continuous. 23 27 CONVST Convert Start. A low to high transition on this input puts the track-and-hold into its hold mode and starts conversion. This input is asynchronous to the CLK input. 24 28 CS Chip Select. Active low logic input. The device is selected when this input is active. With CONVST tied low, a new conversion is initiated when CS goes low. Table 6. Output Data for Byte Interfacing HBEN DB7/Low DB6/Low DB5/Low DB4/Low DB3/DB11 DB2/DB10 DB1/DB9 DB0/DB8 High Low Low Low Low DB11(MSB) DB10 DB9 DB8 Low DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 (LSB) |
유사한 부품 번호 - AD7875KNZ1 |
|
유사한 설명 - AD7875KNZ1 |