전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7876BQ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7876BQ
상세설명  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7876BQ 데이터시트(HTML) 1 Page - Analog Devices

  AD7876BQ Datasheet HTML 1Page - Analog Devices AD7876BQ Datasheet HTML 2Page - Analog Devices AD7876BQ Datasheet HTML 3Page - Analog Devices AD7876BQ Datasheet HTML 4Page - Analog Devices AD7876BQ Datasheet HTML 5Page - Analog Devices AD7876BQ Datasheet HTML 6Page - Analog Devices AD7876BQ Datasheet HTML 7Page - Analog Devices AD7876BQ Datasheet HTML 8Page - Analog Devices AD7876BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LC2MOS Complete,
12-Bit, 100 kHz, Sampling ADCs
AD7870/AD7875/AD7876
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Complete monolithic 12-bit ADCs with
2 μs track-and-hold amplifier
8 μs ADC
On-chip reference
Laser-trimmed clock
Parallel, byte, and serial digital interface
72 dB SNR at 10 kHz input frequency
(AD7870, AD7875)
57 ns data access time
Low power: −60 mW typical
Variety of input ranges
±3 V for AD7870
0 V to +5 V for AD7875
±10 V for AD7876
FUNCTIONAL BLOCK DIAGRAM
REF OUT
VIN
INPUT
SCALING
12-BIT
DAC
PARALLEL
AND SERIAL
INTERFACE
AD7870/AD7875/
AD7876
CONTROL LOGIC
CLOCK
3V
REFERENCE
SAR +
COUNTER
COMP
TRACK-AND-HOLD
VDD
VSS
DGND
DB11
DB0
CS
RD BUSY/INT
AGND
CLK
CONVST
12/8/CLK
Figure 1.
GENERAL DESCRIPTION
The AD7870/AD7875/AD7876 are fast, complete, 12-bit
analog-to-digital converters (ADCs). These converters consist
of a track-and-hold amplifier, an 8 μs successive approximation
ADC, a 3 V buried Zener reference, and versatile interface logic.
The ADCs feature a self-contained internal clock which is laser
trimmed to guarantee accurate control of conversion time. No
external clock timing components are required; the on-chip
clock may be overridden by an external clock if required.
The parts offer a choice of three data output formats: a single,
parallel, 12-bit word; two 8-bit bytes or serial data. Fast bus
access times and standard control inputs ensure easy interfacing
to modern microprocessors and digital signal processors.
All parts operate from ±5 V power supplies. The AD7870 and
AD7876 accept input signal ranges of ±3 V and ±10 V, respec-
tively, while the AD7875 accepts a unipolar 0 V to +5 V input
range. The parts can convert full power signals up to 50 kHz.
The AD7870/AD7875/AD7876 feature dc accuracy specifica-
tions, such as linearity, full-scale and offset error. In addition,
the AD7870 and AD7875 are fully specified for dynamic
performance parameters including distortion and signal-to-
noise ratio.
The parts are available in a 24-pin, 0.3 inch-wide, plastic or
hermetic dual-in-line package (DIP). The AD7870 and AD7875
are available in a 28-pin plastic leaded chip carrier (PLCC),
while the AD7876 is available and in a 24-pin small outline
(SOIC) package.
PRODUCT HIGHLIGHTS
1.
Complete 12-bit ADC on a chip.
The AD7870/AD7875/AD7876 provide all the functions
necessary for analog-to-digital conversion and combine a
12-bit ADC with internal clock, track-and-hold amplifier
and reference on a single chip.
2.
Dynamic specifications for DSP users.
The AD7870 and AD7875 are fully specified and tested for
ac parameters, including signal-to-noise ratio, harmonic
distortion and intermodulation distortion.
3.
Fast microprocessor interface.
Data access times of 57 ns make the parts compatible with
modern 8-bit and 16-bit microprocessors and digital signal
processors. Key digital timing parameters are tested and
guaranteed over the full operating temperature range.


유사한 부품 번호 - AD7876BQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7876BQ AD-AD7876BQ Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
More results

유사한 설명 - AD7876BQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7876 AD-AD7876_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7875 AD-AD7875_15 Datasheet
621Kb / 28P
   LC MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com