전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC426COA713 데이터시트(PDF) 8 Page - Microchip Technology

부품명 TC426COA713
상세설명  1.5A Dual High-Speed Power MOSFET Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC426COA713 데이터시트(HTML) 8 Page - Microchip Technology

Back Button TC426COA713 Datasheet HTML 4Page - Microchip Technology TC426COA713 Datasheet HTML 5Page - Microchip Technology TC426COA713 Datasheet HTML 6Page - Microchip Technology TC426COA713 Datasheet HTML 7Page - Microchip Technology TC426COA713 Datasheet HTML 8Page - Microchip Technology TC426COA713 Datasheet HTML 9Page - Microchip Technology TC426COA713 Datasheet HTML 10Page - Microchip Technology TC426COA713 Datasheet HTML 11Page - Microchip Technology TC426COA713 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC426/TC427/TC428
DS21415C-page 8
© 2006 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
30
20
10
0
-25
0
25
150
Rise and Fall Times vs.
Temperature
40
50
75
100
125
TEMPERATURE (°C)
35
25
15
80
70
60
50
30
0
Delay Times vs. Supply Voltage
40
90
SUPPLY VOLTAGE (V)
510
15
20
tD2
60
50
40
30
10
05
10
15
20
SUPPLY VOLTAGE (V)
70
tR
tF
CL = 1000 pF
TA = +25°C
Rise and Fall Times vs.
Supply Voltage
20
CL = 1000 pF
TA = +25°C
CL = 1000 pF
VDD = 18V
tR
tF
tD1
100
1
10
1000
10K
CAPACITIVE LOAD (pF)
Rise and Fall Times vs.
Capacitive Load
10
1K
100
90
80
70
60
40
30
0
-25
50
100
150
TEMPERATURE (°C)
Delay Times vs. Temperature
50
100
25
75
125
70
60
50
40
20
0
10
Supply Current vs.
Capacitive Load
30
80
400 kHz
200 kHz
20 kHz
100
1000
10K
CAPACITIVE LOAD (pF)
10
CL = 1000 pF
VDD = 18V
tD2
tD1
TA = +25°C
VDD = 18V
TA = +25°C
VDD = 18V
tR
tF
0.96
0.72
0.48
0.24
0
10
Low Output vs. Voltage
1.20
20 30 40 50 60 70 80 90 100
CURRENT SUNK (mA)
10V
15V
1.76
1.32
0.88
0.44
0
10
High Output vs. Voltage
2.20
20 30 40 50 60 70 80 90 100
CURRENT SOURCED (mA)
18V
13V
20
10
0
1
Supply Current vs. Frequency
30
10
100
1000
FREQUENCY (kHz)
10V
5V
TA = +25°C
VDD = 5V
VDD = 8V
VDD = 18V
CL = 1000 pF
TA = +25°C
TA = +25°C


유사한 부품 번호 - TC426COA713

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC426COA TELCOM-TC426COA Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC426COA MICROCHIP-TC426COA Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
TC426COA MICROCHIP-TC426COA Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
More results

유사한 설명 - TC426COA713

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com