전자부품 데이터시트 검색엔진 |
|
AM27C512-255DC 데이터시트(PDF) 10 Page - Advanced Micro Devices |
|
AM27C512-255DC 데이터시트(HTML) 10 Page - Advanced Micro Devices |
10 / 12 page 10 Am27C512 AC CHARACTERISTICS Caution: Do not remove the device from (or insert it into) a socket or board that has VPP or VCC applied. Notes: 1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP. 2. This parameter is sampled and not 100% tested. 3. Switching characteristics are over operating range, unless otherwise specified. 4. See Figure 3 and Table 1 for test specifications. SWITCHING WAVEFORMS Notes: 1. OE# may be delayed up to tACC – tOE after the falling edge of the addresses without impact on tACC. 2. tDF is specified from OE# or CE#, whichever occurs first. PACKAGE CAPACITANCE Notes: 1. This parameter is only sampled and not 100% tested. 2. TA = +25°C, f = 1 MHz. Parameter Symbols Description Test Setup Am27C512 Unit JEDEC Standard -55 -70 -90 -120 -150 -200 -255 tAVQV tACC Address to Output Delay CE#, OE# = VIL Max 55 70 90 120 150 200 250 ns tELQV tCE Chip Enable to Output Delay OE# = VIL Max 55 70 90 120 150 200 250 ns tGLQV tOE Output Enable to Output Delay CE# = VIL Max 35 40 40 50 50 75 75 ns tEHQZ tGHQZ tDF (Note 2) Chip Enable High or Output Enable High to Output High Z, Whichever Occurs First Max 25 25 25 30 30 30 30 ns tAXQX tOH Output Hold Time from Addresses, CE# or OE#, Whichever Occurs First Min 00 00 00 0 ns Addresses CE# OE# Output 08140I-9 Addresses Valid High Z High Z tCE Valid Output 2.4 0.45 2.0 0.8 2.0 0.8 tACC (Note 1) tOE tDF (Note 2) tOH Parameter Symbol Parameter Description Test Conditions CDV028 PL 032 PD 028 Unit Typ Max Typ Max Typ Max CIN Input Capacitance VIN = 0 10 12 9 12 6 10 pF COUT Output Capacitance VOUT = 0 10 13912 6 10 pF |
유사한 부품 번호 - AM27C512-255DC |
|
유사한 설명 - AM27C512-255DC |