전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

70-9155615008 데이터시트(PDF) 1 Page - AVX Corporation

부품명 70-9155615008
상세설명  Single Compression Contact: Board-to-Board (BTB)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

70-9155615008 데이터시트(HTML) 1 Page - AVX Corporation

  70-9155615008 Datasheet HTML 1Page - AVX Corporation 70-9155615008 Datasheet HTML 2Page - AVX Corporation 70-9155615008 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Single Compression Contact:
Board-to-Board (BTB)
Series 70-9155
Designers for ruggedized connectors to meet harsh environments continue to look
for new products which will reduce size and cost without jeopardizing performance.
The new Ultra-Low Profile (ULP) compression contact from AVX surface mounts to
a PCB and provides a reliable compression connection to the mating board, even
under extreme shock and vibration applications. With over 20 years of 1-Piece
compression contact experience, this innovative contact offers full connector
performance functionality at the individual contact level. Thus, allowing single
contacts to be placed in any location or position on a PCB.
The high force beryllium copper contact is gold plated to maximize reliability and
signal integrity. The current offering has two contacts with nominal heights of
1.0mm and 1.5mm. Add in the “Z” axis tolerance range and the compressed height
covers 0.75mm up to 1.75mm. The contacts are supplied in tape and reel for easy
SMT placement.
ELECTRICAL
• Current Rating: 3 Amps
• Voltage Rating: Based on place-
ment distance
9155
Series
70
Prefix
001
Number
of Ways
HOW TO ORDER
6XX
Contact Description
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Contact Material: Beryllium Copper
• Contact Plating: Gold over Nickel
• Durability: 50, 500 and 1000 cycles
FEATURES AND BENEFITS
• Reliable gold plated Beryllium Copper contacts for high cycle life
and signal integrity up to 1000 cycles
• Tape and reel packaged for automated SMT placement
• Sweeping beam design for pluggable/module applications
• Three gold plating options to match end product environmental or
expected life requirements
APPLICATIONS
• Industrial/Ruggedized handheld or portable
devices
• BTB connection for any traditional power or
signal application
• Ground connections between PCB’s or
housings
Code
Nominal
Contact Operating
Operating Height
Height Range
610
1.00mm
0.75mm to 1.25mm
615
1.50mm
1.25mm to 1.75mm
00X
Contact Description
Code
Gold
Description
Availability
Thickness
004
0.1µm
Nickel under Plate, Gold on Nose
Standard
Tin on Remainder
006
0.4µm
Nickel under Plate, Gold on Nose
Special
Tin on Remainder
Order
008
0.8µm
Nickel under Plate, Gold on Nose
Special
Tin on Remainder
Order


유사한 부품 번호 - 70-9155615008

제조업체부품명데이터시트상세설명
logo
AVX Corporation
70-9155 AVX-70-9155 Datasheet
300Kb / 3P
   Low Profile Single Contact
More results

유사한 설명 - 70-9155615008

제조업체부품명데이터시트상세설명
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
709150001020006 AVX-709150001020006 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
   0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
   0.8mm Contact Spacing, Board To Board SMT Connectors
logo
AVX Corporation
009159002501906 AVX-009159002501906 Datasheet
1Mb / 10P
   Inverted Thru Board Card Edge: BTB
logo
Molex Electronics Ltd.
0943285001 MOLEX11-0943285001 Datasheet
76Kb / 2P
   SMT, Micro Spring Contact for Board to Board Connection
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com