전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8048AN 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8048AN
상세설명  250 MHz, General Purpose Voltage Feedback Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8048AN 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8048AN Datasheet HTML 4Page - Analog Devices AD8048AN Datasheet HTML 5Page - Analog Devices AD8048AN Datasheet HTML 6Page - Analog Devices AD8048AN Datasheet HTML 7Page - Analog Devices AD8048AN Datasheet HTML 8Page - Analog Devices AD8048AN Datasheet HTML 9Page - Analog Devices AD8048AN Datasheet HTML 10Page - Analog Devices AD8048AN Datasheet HTML 11Page - Analog Devices AD8048AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
REV. A
AD8047/AD8048
–7–
–90
–110
–70
–50
–30
FREQUENCY (Hz)
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
SECOND HARMONIC
THIRD HARMONIC
R
L = 100
V
OUT = 2V p-p
TPC 19. AD8047 Harmonic Distortion vs. Frequency,
G = +1
–25
–30
–65
1.5
6.5
2.5
3.5
4.5
5.5
–45
–50
–55
–60
–35
–40
SECOND HARMONIC
THIRD HARMONIC
OUTPUT SWING (V p-p)
f = 200MHz
R
L = 1k
R
F = 0
FOR SOIC
TPC 20. AD8047 Harmonic Distortion vs. Output
Swing, G = +1
0.04
–0.04
0.00
–0.02
0.02
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
0.04
–0.04
0.00
–0.02
0.02
TPC 21. AD8047 Differential Gain and Phase Error,
G = +2, RL = 150
Ω, RF = 200 Ω, RIN = 200 Ω
SETTLING TIME (ns)
0.5
0.4
–0.4
010
20
0.0
–0.1
–0.2
–0.3
0.2
0.1
0.3
–0.5
515
25
35
45
30
40
R
L = 100
R
F = 0
V
OUT = 2V STEP
TPC 22. AD8047 Short-Term Settling Time, G = +1
0.25
0.20
–0.20
04
8
0.00
–0.05
–0.10
–0.15
0.10
0.05
0.15
–0.25
26
10
14
18
12
16
SETTLING TIME ( s)
R
L = 100
R
F = 0
V
OUT = 2V STEP
TPC 23. AD8047 Long-Term Settling Time, G = +1
17
13
3
100
100k
10k
1k
10
15
9
11
5
7
FREQUENCY (Hz)
TPC 24. AD8047 Noise vs. Frequency


유사한 부품 번호 - AD8048AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8048AN AD-AD8048AN Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8048AN AD-AD8048AN Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AN AD-AD8048AN Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AN AD-AD8048AN Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results

유사한 설명 - AD8048AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047 Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047 AD-AD8047_03 Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ARZ AD-AD8047ARZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
3PEAK INC.
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com