전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9220AR 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD9220AR
상세설명  Complete 12-Bit 1.5/3.0/10.0 MSPS olithic A/D Converters
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9220AR 데이터시트(HTML) 4 Page - Analog Devices

  AD9220AR Datasheet HTML 1Page - Analog Devices AD9220AR Datasheet HTML 2Page - Analog Devices AD9220AR Datasheet HTML 3Page - Analog Devices AD9220AR Datasheet HTML 4Page - Analog Devices AD9220AR Datasheet HTML 5Page - Analog Devices AD9220AR Datasheet HTML 6Page - Analog Devices AD9220AR Datasheet HTML 7Page - Analog Devices AD9220AR Datasheet HTML 8Page - Analog Devices AD9220AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
REV. E
–4–
AD9221/AD9223/AD9220
SWITCHING SPECIFICATIONS (T
MIN to TMAX with AVDD = 5 V, DVDD = 5 V, CL = 20 pF)
Parameter
Symbol
AD9221
AD9223
AD9220
Unit
Clock Period
*
tC
667
333
100
ns min
CLOCK Pulsewidth High
tCH
300
150
45
ns min
CLOCK Pulsewidth Low
tCL
300
150
45
ns min
Output Delay
tOD
888ns min
13
13
13
ns typ
19
19
19
ns max
Pipeline Delay (Latency)
333Clock Cycles
*The clock period may be extended to 1 ms without degradation in specified performance @ 25
°C.
Specifications subject to change without notice.
tCL
tCH
tC
tOD
DATA 1
DATA
OUTPUT
INPUT
CLOCK
ANALOG
INPUT
S1
S2
S3
S4
Figure 1. Timing Diagram
ABSOLUTE MAXIMUM RATINGS
*
With
Respect
Parameter
to
Min
Max
Unit
AVDD
AVSS
–0.3
+6.5
V
DVDD
DVSS
–0.3
+6.5
V
AVSS
DVSS
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
REFCOM
AVSS
–0.3
+0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DVSS
–0.3
DVDD + 0.3 V
VINA, VINB
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
SENSE
AVSS
–0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead SOIC
JA = 71.4
°C/W
JC = 23
°C/W
28-Lead SSOP
JA = 63.3
°C/W
JC = 23
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9221AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD9223AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD9220AR
–40
°C to +85°C 28-Lead SOIC
R-28
AD9221ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9223ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9220ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9221-EB
Evaluation Board
AD9223-EB
Evaluation Board
AD9220-EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD9221/AD9223/AD9220 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.


유사한 부품 번호 - AD9220AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9220AR AD-AD9220AR Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220AR AD-AD9220AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220AR AD-AD9220AR Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220AR AD-AD9220AR Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9220AR AD-AD9220AR Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
More results

유사한 설명 - AD9220AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9221ARSZ AD-AD9221ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9200ARSZ AD-AD9200ARSZ Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220 AD-AD9220_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221 AD-AD9221_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9223 AD-AD9223_15 Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARZ AD-AD9220ARZ Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9221 AD-AD9221 Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9221ARZ-REEL AD-AD9221ARZ-REEL Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220ARSZ AD-AD9220ARSZ Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com