전자부품 데이터시트 검색엔진 |
|
CAY16-1003J4LF 데이터시트(PDF) 1 Page - Bourns Electronic Solutions |
|
CAY16-1003J4LF 데이터시트(HTML) 1 Page - Bourns Electronic Solutions |
1 / 4 page Features ■ RoHS compliant* ■ Convex and concave terminals ■ 2, 4 or 8 isolated elements available ■ Resistance tolerance ±1 % and ±5 % ■ Resistance range: 10 ohms to 1 megohm CAT/CAY 16 Series - Chip Resistor Arrays *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications Specifications How To Order CA Y 16 - 103 J 4 LF Chip Arrays Type • CAT16 = Concave Terminations • CAY16 = Convex Terminations Resistance Code • 103 = 10 K ohms • 1003 = 100 K ohms (1 % tolerance) • 000 = Zero-ohm Resistance Tolerance • J = ±5 % (Use “J” for zero-ohm jumper) • F = ±1 % (4 resistor pkg. and CAT16-F8) Resistors • 2 = 2 Isolated Resistors • 4 = 4 Isolated Resistors • 8 = 8 Isolated Resistors Terminations • LF = Tin-plated (RoHS compliant) Requirement Characteristics Test Method Short Time Overload ±1 % (±2 % for CAT16-F8, -J8 & CAY16-J8) Rated Voltage X 2.5, 5 seconds Soldering Heat ±1 % 260 °C ±5 °C, 10 seconds ±1 second Temperature Cycling (5) ±1 % 125 °C (30 minutes) - normal (15 minutes) -30 °C (30 minutes) - normal (15 minutes) Moisture Load Life ±2 % (±3 % for CAT16-F8, -J8 & CAY16-J8) 1000 hours Load Life ±2 % (±3 % for CAT16-F8, -J8 & CAY16-J8) 1000 hours Characteristics Characteristics CAT16/CAY16 Number of Elements 2 (J2), 4 (F4, J4), 8 (F8, J8) Power Rating Per Resistor 62 mW (31 mW for CAY16-J8) Resistance Tolerance ±1 %, ±5 % Resistance Range: E24 (J), E96 + E24 (F) 10 ohms - 1 megohm Zero-Ohm Jumper < 0.05 ohm Max. Working Voltage 50 V (25 V for CAY16-J8) Operating Temp. Range -55 °C - 125 °C Packaging Size J2 .......... 0606 Package Size F4, J4 .... 1206 Package Size F8 .......... 2406 Package Size for CAT16 J8 .......... 2406 Package Size for CAT16; 1506 Package Size for CAY16 For Standard Values Used in Capacitors, Inductors, and Resistors, click here. Schematics R1 R2 R1 R2 R3 R4 CAT16-F4, -J4 CAY16-F4, -J4 R1 R2 R3 R4 CAT16-F8, -J8 CAY16-J8 R5 R6 R7 R8 CAT16-J2 CAY16-J2 Soldering Profile for RoHS Compliant Chip Resistors and Arrays 25 75 125 175 225 275 0 50 100 150 200 250 300 Time (seconds) 60 - 120 seconds 60 - 90 seconds 260 °C peak 190 °C 150 °C 220 °C Ramp Down 6 °C/second 255 °C Maximum of 20 seconds between +255 °C and +260 °C Ramp Up 3 °C/second maximum 10 seconds minimum <1> <1> |
유사한 부품 번호 - CAY16-1003J4LF |
|
유사한 설명 - CAY16-1003J4LF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |