전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA50 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 CA50
상세설명  5150-5900 MHz Ceramic Chip Monopole Antenna
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

CA50 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CA50 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 9Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 10Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 11Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 12Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 13Page - List of Unclassifed Manufacturers CA50 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SPE-12-8-109/A/SS
Page 10 of 18
6.3 3D Gain pattern @ 5700 MHz


유사한 부품 번호 - CA50

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
CA50 TAOGLAS-CA50 Datasheet
1Mb / 19P
   5150-5900 MHz Ceramic Chip Monopole Antenna
logo
Calogic, LLC
CA500 CALOGIC-CA500 Datasheet
23Kb / 2P
   Current Regulator Diode
logo
Vishay Siliconix
CA5000 VISHAY-CA5000 Datasheet
98Kb / 3P
   Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
logo
Extech Instruments Corp...
CA500 EXTECH-CA500_15 Datasheet
808Kb / 1P
   Extech Soft Protective Carrying Cases
logo
Calogic, LLC
CA501 CALOGIC-CA501 Datasheet
23Kb / 2P
   Current Regulator Diode
More results

유사한 설명 - CA50

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
CA50 TAOGLAS-CA50 Datasheet
1Mb / 19P
   5150-5900 MHz Ceramic Chip Monopole Antenna
logo
List of Unclassifed Man...
HLA01 ETC2-HLA01 Datasheet
1Mb / 18P
   5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-WFB5 SUNTSU-SATCA-3C1GF-WFB5 Datasheet
1Mb / 7P
   IEEE802.11a (5150~5900 MHz)
logo
Taoglas antenna solutio...
HLA01 TAOGLAS-HLA01 Datasheet
1Mb / 19P
   5150-5900 MHz Ceramic Loop antenna WLAN/ Wi-Fi/ HDMI
logo
List of Unclassifed Man...
CA69 ETC2-CA69 Datasheet
3Mb / 16P
   169 MHz VHF Ceramic Chip Monopole Antenna
logo
Taoglas antenna solutio...
CA69 TAOGLAS-CA69 Datasheet
986Kb / 16P
   169 MHz VHF Ceramic Chip Monopole Antenna
logo
Pulse A Technitrol Comp...
W3000 PULSE-W3000 Datasheet
5Mb / 28P
   Ceramic Monopole Antenna
logo
Linx Technologies
ANT-916-CW-RAH-CCC LINX-ANT-916-CW-RAH-CCC Datasheet
204Kb / 2P
   916 MHz Helical Monopole Antenna
2019
logo
Pulse A Technitrol Comp...
EGSM900 PULSE-EGSM900 Datasheet
1Mb / 17P
   Ceramic Dual Band Monopole Antenna
W3073 PULSE-W3073 Datasheet
5Mb / 19P
   Ceramic Quad Band Monopole Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com