전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP1607 데이터시트(PDF) 10 Page - Analog Devices

부품명 ADP1607
상세설명  2 MHz, Synchronous Boost DC-to-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP1607 데이터시트(HTML) 10 Page - Analog Devices

Back Button ADP1607 Datasheet HTML 6Page - Analog Devices ADP1607 Datasheet HTML 7Page - Analog Devices ADP1607 Datasheet HTML 8Page - Analog Devices ADP1607 Datasheet HTML 9Page - Analog Devices ADP1607 Datasheet HTML 10Page - Analog Devices ADP1607 Datasheet HTML 11Page - Analog Devices ADP1607 Datasheet HTML 12Page - Analog Devices ADP1607 Datasheet HTML 13Page - Analog Devices ADP1607 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP1607
Data Sheet
Rev. C | Page 10 of 16
THEORY OF OPERATION
SW
+
+
VIN
N
RESET
AGND
GND
TSENSE
TREF
1
VDD
L1
A
VOUT
COUT
5
2
4
EN
VIN
S
R
QP
QN
RP
VSEL
SW
P
6
VSEL
VIN
OFF
ON
3
FB
R1
R2
VOUT
CIN
VREF
PFM
COMPARATOR
PWM
COMPARATOR
CURRENT-LIMIT
COMPARATOR
TSD
COMPARATOR
PFM
CONTROL
SHUTDOWN
ZERO
CROSS
PMOS
BULK
CONTROL
P DRIVER
CURRENT
SENSING
N DRIVER
OSCILLATOR
SOFT
START
RCOMP
CCOMP
ERROR
AMPLIFIER
VREF
BULK
CONTROL
VOUT
Figure 24. Block Diagram
OVERVIEW
The ADP1607 is a high efficiency, synchronous, fixed
frequency, step-up dc-to-dc switching converter with an
adjustable output voltage between 1.8 V and 3.3 V for use
in portable applications.
The 2 MHz operating frequency enables the use of small
footprint, low profile external components. Additionally, the
synchronous rectification, internal compensation, internal fixed
current limit, and current-mode architecture allow for excellent
transient response and a minimal external part count. Other
key features include fixed PWM and light load PFM mode
options, true output isolation, thermal shutdown (TSD), and
logic controlled enable.
ENABLE/SHUTDOWN
The EN input turns the ADP1607 on or off. Connect EN to
GND or logic low to shut down the part and reduce the current
consumption to 0.06 µA (typical). Connect EN to VIN or logic
high to enable the part. Do not exceed VIN. Do not leave this pin
floating.
MODES OF OPERATION
The ADP1607 is available in a fixed PWM mode only option
for noise sensitive applications or in an auto PFM-to-PWM
transitioning mode option to optimize power at light loads.
Pulse-Width Modulation (PWM) Mode
The PWM version of the ADP1607 utilizes a current-mode
PWM control scheme to force the part to maintain a fixed
2 MHz fixed frequency while regulating the output voltage over
all load conditions. The auto mode version of the ADP1607
operates in PWM for higher load currents. In PWM, the output
voltage is monitored at the FB pin through the external resistive
voltage divider. The voltage at FB is compared to the internal
1.259 V reference by the internal error amplifier. This current-
mode PWM regulation system allows fast transient response
and tight output voltage regulation. PWM mode operation
results in lower efficiencies than PFM mode at light loads.
Auto Mode
Auto mode is a power-saving feature that forces the auto version
of the ADP1607 to switch between PFM and PWM in response
to output load changes. The auto version of the ADP1607


유사한 부품 번호 - ADP1607

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1607 AD-ADP1607 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1607-001-EVALZ AD-ADP1607-001-EVALZ Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607-001-EVALZ AD-ADP1607-001-EVALZ Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1607-EVALZ AD-ADP1607-EVALZ Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607-EVALZ AD-ADP1607-EVALZ Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
More results

유사한 설명 - ADP1607

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP1607ACPZN-R7 AD-ADP1607ACPZN-R7 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
   Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
   Synchronous boost DC-DC converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3602 FOSLINK-FSP3602 Datasheet
176Kb / 5P
   SYNCHRONOUS BOOST DC/DC CONVERTER
logo
Cypress Semiconductor
MB39C326 CYPRESS-MB39C326 Datasheet
885Kb / 22P
   6 MHz Synchronous Rectification Buck-Boost DC/DC Converter IC
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Fujitsu Component Limit...
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
   6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com