전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-5761 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-5761
상세설명  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-5761 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-5761 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-5761 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HCPL-576x*
5962-8947701
AC/DC to Logic Interface Hermetically Sealed Optocouplers
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Features
 Dual marked with device part number and DLA stan-
dard microcircuit drawing
 Manufactured and tested on a MIL-PRF-38534 certified
line
 QML-38534, class H and K
 Hermetically sealed 8-pin dual in-line packages
 Performance guaranteed over -55° C to +125° C
 AC or DC input
 Programmable sense voltage
 Hysteresis
 HCPL-3700 operating compatibility
 Logic compatible output
 1500 Vdc withstand test voltage
 Thresholds guaranteed over temperature
 Thresholds independent of LED characteristics
Applications
 Military and space
 High reliability systems
 Transportation, medical, and life critical systems
 Limit switch sensing
 Low voltage detector
 AC/DC voltage sensing
 Relay contact monitor
 Relay coil voltage monitor
 Current sensing
 Microprocessor interface
 Telephone ring detection
 Harsh industrial environments
The connection of a 0.1 μF bypass capacitor between pins 8 and 5 is recommended.
Description
These devices are single channel, hermetically sealed,
voltage/current threshold detection optocouplers. The
products are capable of operation and storage over the
full military temperature range and can be purchased as
either standard product, or with full MIL-PRF-38534 Class
Level H or K testing, or from the DLA Standard Micro-cir-
cuit Drawing
(SMD) 5962-89477. All devices are manu-
factured and tested on a MIL-PRF-38534 certified line
and are included in the DLA Qualified Manufacturers List,
QML-38534 for Hybrid Microcircuits.
*See matrix for available extensions
Schematic
TRUTH TABLE
Input
Output
H (VTH+ < Vdc) (on)
L
L (Vdc < VTH–) (off )
H


유사한 부품 번호 - HCPL-5761

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5761-100 HP-HCPL-5761-100 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761-200 HP-HCPL-5761-200 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761-300 HP-HCPL-5761-300 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761-600 HP-HCPL-5761-600 Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

유사한 설명 - HCPL-5761

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com