전자부품 데이터시트 검색엔진 |
|
AM29F800BB-150SC 데이터시트(PDF) 6 Page - Advanced Micro Devices |
|
AM29F800BB-150SC 데이터시트(HTML) 6 Page - Advanced Micro Devices |
6 / 39 page 6 Am29F800B P R E L I M I NARY ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29F800B 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 5.0 Volt-only Read, Program, and Erase C E -70 Am29F800B T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) S = 44-Pin Small Outline Package (SO 044) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29F800BT-55, Am29F800BB-55 EC, EI, FC, FI, SC, SI Am29F800BT-70, Am29F800BB-70 EC, EI, EE, FC, FI, FE, SC, SI, SE Am29F800BT-90, Am29F800BB-90 Am29F800BT-120, Am29F800BB-120 Am29F800BT-150, Am29F800BB-150 |
유사한 부품 번호 - AM29F800BB-150SC |
|
유사한 설명 - AM29F800BB-150SC |