전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K10240-PROPLUS 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 K10240-PROPLUS
상세설명  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

K10240-PROPLUS 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button K10240-PROPLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 8Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 10Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 11Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 12Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 13Page - List of Unclassifed Manufacturers K10240-PROPLUS Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
www .prolite -lamps.co.uk
10
COLOUR HELIX COMPACT FLUORESCENT
DESCRIPTION
A range of lamps using coloured glass and coloured phosphor to give architectural hues
and colouring for display and accent lighting. 240V coloured helix lamps are available
in 18W, 25W and 30W. Great for seasonal and display applications with all the energy
saving and cost savings associated with compact fluorescent lamps.
TECHNICAL SPECIFICATION
h
w
HELIX/18W/BC/BL
18
240
BC
BLUE
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/BL
18
240
ES
BLUE
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/BC/GR
18
240
BC
GREEN
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/GR
18
240
ES
GREEN
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/BC/RED
18
240
BC
RED
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/18W/ES/RED
18
240
ES
RED
5.5
56.5 x 28.5 x 18.5
121
49
HELIX/25W/240/B
25
240
ES
BLUE
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/240/G
25
240
ES
GREEN
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/25W/240/R
25
240
ES
RED
8.5
67.5 x 33.5 x 21.5
151
60
HELIX/30W/240/B
30
240
ES
BLUE
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/240/G
30
240
ES
GREEN
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/240/R
30
240
ES
RED
8.5
67.5 x 33.5 x 21.5
158
60
HELIX/30W/240/Y
30
240
ES
YELLOW
8.5
67.5 x 33.5 x 21.5
158
60
8,000h


유사한 부품 번호 - K10240-PROPLUS

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
K102 KODENSHI-K102 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
Vishay Siliconix
K102J15C0GF5.H5 VISHAY-K102J15C0GF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K102J15C0GF5.L2 VISHAY-K102J15C0GF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K102J15C0GF53H5 VISHAY-K102J15C0GF53H5 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K102J15C0GF53L2 VISHAY-K102J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

유사한 설명 - K10240-PROPLUS

제조업체부품명데이터시트상세설명
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com