전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC1XGJERC00060G 데이터시트(PDF) 3 Page - OPLINK Communications Inc.

부품명 TPC1XGJERC00060G
상세설명  CWDM 40km SFP Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPC1XGJERC00060G 데이터시트(HTML) 3 Page - OPLINK Communications Inc.

  TPC1XGJERC00060G Datasheet HTML 1Page - OPLINK Communications Inc. TPC1XGJERC00060G Datasheet HTML 2Page - OPLINK Communications Inc. TPC1XGJERC00060G Datasheet HTML 3Page - OPLINK Communications Inc. TPC1XGJERC00060G Datasheet HTML 4Page - OPLINK Communications Inc. TPC1XGJERC00060G Datasheet HTML 5Page - OPLINK Communications Inc. TPC1XGJERC00060G Datasheet HTML 6Page - OPLINK Communications Inc. TPC1XGJERC00060G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S0218. Rev.02. 2011-05-26
3
TPC1XGJERxG
Oplink Communications, Inc
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Transmitter Electrical Characteristics
Connector Pin-out
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Electrical Power Supply Characteristics
Receiver Electrical Interface
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
VEET
TD+
TD-
VEET
VCCT
VCCR
VEER
RD+
RD-
VEER
VEER
RS1
RX_LOS
RS0
MOD-ABS
SCL
SDA
TX_DISABLE
TX_FAULT
VEET
TOWARD
HOST
TOWARD
BEZEL
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power Supply Voltage
VCC
3.13
3.30
3.47
V
DC Common Mode Voltage
VCM
0
-
3.60
V
Supply Current
I VCC
-
310
-
mA
Power Consumption
PW
-
1.0
-
W
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Output Impedance
Z
d
-
100
-
Ω
Differential Output Swing
V
PP-DIFF
300
450
850
mV
Output Rise and Fall time (20% to 80%)
tRH, tFH
28
-
-
ps
Output HIGH Voltage (LOS) 1
VOH
V
CC - 1.3
-
V
CC + 0.3
V
Output LOW Voltage (LOS) 1
VOL
0
-
0.8
V
1
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Input Impedance
Z
d
-
100
-
Ω
Differential Input Voltage Swing
V
PP-DIFF
180
-
700
mV
Input HIGH Voltage (TX Disable) 1
V
IH
2.0
-
V
CC
V
Input LOW Voltage (TX Disable) 1
V
IL
0
-
0.8
V
Output HIGH Voltage (TX Fault) 2
V
OH
2.0
-
V
CC + 0.3
V
Output LOW Voltage (TX Fault) 2
V
OL
0
-
0.8
V
1
There is an internal 4.7kΩ to 10kΩ pull-up resistor to VccT.
2
Open collector compatible, 4.7kΩ to 10kΩ pull-up resistor to Vcc (Host Supply Voltage).
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.


유사한 부품 번호 - TPC1XGJERC00060G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPC1XGJERC00060G OPLINK-TPC1XGJERC00060G Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
More results

유사한 설명 - TPC1XGJERC00060G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPC1XGJERXG OPLINK-TPC1XGJERXG Datasheet
508Kb / 7P
   CWDM 40km SFP Transceivers
TPD1XGJERXX OPLINK-TPD1XGJERXX Datasheet
625Kb / 9P
   DWDM 40km SFP Transceivers
TPD1XGJERXX-S0217 OPLINK-TPD1XGJERXX-S0217 Datasheet
347Kb / 9P
   DWDM 40km SFP Transceivers
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
S0260-TPC1XGKZRXG OPLINK-S0260-TPC1XGKZRXG Datasheet
345Kb / 6P
   CWDM 70km SFP Transceivers
TPC1XGKZRXG OPLINK-TPC1XGKZRXG Datasheet
513Kb / 7P
   CWDM 70km SFP Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
   Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G1XXXIXG OPLINK-TRP1G1XXXIXG Datasheet
364Kb / 6P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
DTR-2488-SM-LC-W-G-CWDM OPLINK-DTR-2488-SM-LC-W-G-CWDM Datasheet
191Kb / 6P
   CWDM Transceivers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com