전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPP1XGDS0C000E2G 데이터시트(PDF) 6 Page - OPLINK Communications Inc.

부품명 TPP1XGDS0C000E2G
상세설명  850nm SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPLINK [OPLINK Communications Inc.]
홈페이지  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP1XGDS0C000E2G 데이터시트(HTML) 6 Page - OPLINK Communications Inc.

  TPP1XGDS0C000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TPP1XGDS0C000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s Sales
and Marketing for your requirements and ordering information (510) 933-7200 or Sales@oplink.com.
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2011, Oplink Communications, Inc.
Ordering Information
Package Outline
Dimensions in [inches] mm
Millimeters are the primary units.
Tolerances are in accordance with
SFF-8432 Rev.5
TPP1XGDS0xG
6
Part Number
Operating
Temperature
Latch Color
Nominal Wavelength
Distance
TPP1XGDS0C000E2G
- 5°C to + 70°C
Beige
850nm
300m
TPP1XGDS0E000E2G
- 5°C to + 85°C
TPP1XGDS0I000E2G
- 40°C to + 85°C
21737-0983. Rev.05. 2011-02-23


유사한 부품 번호 - TPP1XGDS0C000E2G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPP1XGDS0C000E2G OPLINK-TPP1XGDS0C000E2G Datasheet
265Kb / 6P
   Transceiver
More results

유사한 설명 - TPP1XGDS0C000E2G

제조업체부품명데이터시트상세설명
logo
OPLINK Communications I...
TPP3XGDS0C000E2G OPLINK-TPP3XGDS0C000E2G Datasheet
461Kb / 6P
   850nm SFP Transceiver
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-811XC-L03DG SOURCE-FTM-811XC-L03DG Datasheet
260Kb / 13P
   10G 850nm SFP Transceiver
logo
Broadcom Corporation.
AFBR-703SDDZ BOARDCOM-AFBR-703SDDZ Datasheet
479Kb / 22P
   10Gb/1Gb Ethernet, 850nm SFP Transceiver
logo
Source Photonics, Inc.
FTM-8001C-SLG SOURCE-FTM-8001C-SLG Datasheet
251Kb / 9P
   155Mbps 850nm Spring-Latch SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-850NM-1000BASE-SX-C ATGBICS-SFP-850NM-1000BASE-SX-C Datasheet
294Kb / 8P
   SFP-850nm-1000BASE-SX Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Pulse A Technitrol Comp...
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
   1.25Gb/s 850nm Multi-mode SFP Transceiver
logo
Finisar Corporation.
FTLX8574D3BNL FINISAR-FTLX8574D3BNL Datasheet
547Kb / 12P
   ExtendedTemperature 10Gb/s 850nm SFP Datacom Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-SR3-01 PULSE-SFPPT-SR3-01 Datasheet
300Kb / 8P
   10Gb/s 850nm Multi-mode SFP Transceiver
logo
ATGBICS by Approved Tec...
SFP-1000SX-C ATGBICS-SFP-1000SX-C Datasheet
293Kb / 8P
   SFP-1000SX NetScout Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com