전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C3V9 데이터시트(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 BZX55C3V9
상세설명  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZX55C3V9 데이터시트(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZX55C3V9 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C3V9 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C3V9 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C3V9 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C3V9 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WEJ
ELECTRONIC
CO.,LTD
Type
VZnom
IZT
for VZT and
rzjT
rzjK at IZK
IR and IR at VR
TKVZ
BZX55C
V
mA
V
1)
Ω
Ω
mA
μ
A
μ
A
2)
V
%/K
2V0
2.0
5
1.9~2.1
100
<600
1
<150
<300
1
-0.09~-0.06
2V2
2.2
5
2.09~2.31
100
<600
1
<150
<300
1
-0.09~-0.06
2V4
2.4
5
2.28~2.56
<85
<600
1
<50
<100
1
-0.09~-0.06
2V7
2.7
5
2.5~2.9
<85
<600
1
<10
<50
1
-0.09~-0.06
3V0
3.0
5
2.8~3.2
<85
<600
1
<4
<40
1
-0.08~-0.05
3V3
3.3
5
3.1~3.5
<85
<600
1
<2
<40
1
-0.08~-0.05
3V6
3.6
5
3.4~3.8
<85
<600
1
<2
<40
1
-0.08~-0.05
3V9
3.9
5
3.7~4.1
<85
<600
1
<2
<40
1
-0.08~-0.05
4V3
4.3
5
4.0~4.6
<75
<600
1
<1
<20
1
-0.06~-0.03
4V7
4.7
5
4.4~5.0
<60
<600
1
<0.5
<10
1
-0.05~+0.02
5V1
5.1
5
4.8~5.4
<35
<550
1
<0.1
<2
1
-0.02~+0.02
5V6
5.6
5
5.2~6.0
<25
<450
1
<0.1
<2
1
-0.05~+0.05
6V2
6.2
5
5.8~6.6
<10
<200
1
<0.1
<2
2
0.03~0.06
6V8
6.8
5
6.4~7.2
<8
<150
1
<0.1
<2
3
0.03~0.07
7V5
7.5
5
7.0~7.9
<7
<50
1
<0.1
<2
5
0.03~0.07
8V2
8.2
5
7.7~8.7
<7
<50
1
<0.1
<2
6.2
0.03~0.08
9V1
9.1
5
8.5~9.6
<10
<50
1
<0.1
<2
6.8
0.03~0.09
10
10
5
9.4~10.6
<15
<70
1
<0.1
<2
7.5
0.03~0.1
11
11
5
10.4~11.6
<20
<70
1
<0.1
<2
8.2
0.03~0.11
12
12
5
11.4~12.7
<20
<90
1
<0.1
<2
9.1
0.03~0.11
13
13
5
12.4~14.1
<26
<110
1
<0.1
<2
10
0.03~0.11
15
15
5
13.8~15.6
<30
<110
1
<0.1
<2
11
0.03~0.11
16
16
5
15.3~17.1
<40
<170
1
<0.1
<2
12
0.03~0.11
18
18
5
16.8~19.1
<50
<170
1
<0.1
<2
13
0.03~0.11
20
20
5
18.8~21.2
<55
<220
1
<0.1
<2
15
0.03~0.11
22
22
5
20.8~23.3
<55
<220
1
<0.1
<2
16
0.04~0.12
24
24
5
22.8~25.6
<80
<220
1
<0.1
<2
18
0.04~0.12
27
27
5
25.1~28.9
<80
<220
1
<0.1
<2
20
0.04~0.12
30
30
5
28~32
<80
<220
1
<0.1
<2
22
0.04~0.12
33
33
5
31~35
<80
<220
1
<0.1
<2
24
0.04~0.12
36
36
5
34~38
<80
<220
1
<0.1
<2
27
0.04~0.12
39
39
2.5
37~41
<90
<500
0.5
<0.1
<5
30
0.04~0.12
43
43
2.5
40~46
<90
<600
0.5
<0.1
<5
33
0.04~0.12
47
47
2.5
44~50
<110
<700
0.5
<0.1
<5
36
0.04~0.12
51
51
2.5
48~54
<125
<700
0.5
<0.1
<10
39
0.04~0.12
56
56
2.5
52~60
<135
<1000
0.5
<0.1
<10
43
0.04~0.12
62
62
2.5
58~66
<150
<1000
0.5
<0.1
<10
47
0.04~0.12
68
68
2.5
64~72
<200
<1000
0.5
<0.1
<10
51
0.04~0.12
75
75
2.5
70~79
<250
<1500
0.5
<0.1
<10
56
0.04~0.12
1) Tighter tolerances available request:
BZX55A… ±1% of VZnom
BZX55B… ±2% of VZnom
2) at T
j=150℃
B
ZX55C2V0-BZX55C75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - BZX55C3V9

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BZX55C3V9 VISHAY-BZX55C3V9 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55C3V9 NJSEMI-BZX55C3V9 Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C3V9 VISHAY-BZX55C3V9 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Zibo Seno Electronic En...
BZX55C3V9 ZSELEC-BZX55C3V9 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C3V9 LUGUANG-BZX55C3V9 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C3V9

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com