전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5468MTH1R 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 5468MTH1R
상세설명  THE WIDEST RANGE IN MINIATURE SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

5468MTH1R 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  5468MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5468MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
A-22
APEM
www.apem.com
5000 series
Toggle switches
Distinctive features
A
THE WIDEST RANGE IN MINIATURE SWITCHES
17 actuators including toggles, paddle levers and locking levers
in different lengths.
5 contact materials from dry circuit to 6A 125VAC
and high inrush up to 120A 2 ms.
8 functions including maintained and momentary versions.
1 to 4 pole configurations.
12 terminal types including 9 for PC board mounting.
Other types include quick-connect and wire-wrap.
6 bushing styles from 6 (.236) plain to 11,9 (15/32) threaded.
3 types of finish including military black.
4 approvals (UL - CSA - VDE - CECC) and 3 listings.
4 types of sealing for terminal or front panel requirements.
Numerous accessories available for actuator and bushing
options.


유사한 부품 번호 - 5468MTH1R

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
546802 FESTO-546802 Datasheet
98Kb / 1P
   Sub-base
8/3/22
546803 FESTO-546803 Datasheet
95Kb / 1P
   Sub-base
8/3/22
546805 FESTO-546805 Datasheet
95Kb / 1P
   Sub-base
8/3/22
546806 FESTO-546806 Datasheet
97Kb / 1P
   Sub-base
8/3/22
546807 FESTO-546807 Datasheet
95Kb / 1P
   Sub-base
8/3/22
More results

유사한 설명 - 5468MTH1R

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
5638A ETC2-5638A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
5656A ETC2-5656A Datasheet
529Kb / 22P
   THE WIDEST RANGE IN MINIATURE SWITCHES
505Q-0256-S010 ETC2-505Q-0256-S010 Datasheet
709Kb / 3P
   Widest Temperature Range
logo
C&K Components
LP22C21T203DQ CK-COMPONENTS-LP22C21T203DQ Datasheet
176Kb / 3P
   Miniature Snap-in Slide Switches
logo
ITT Industries
LP22C21T203Q ITT-LP22C21T203Q Datasheet
183Kb / 3P
   Miniature Snap-in Slide Switches
D101J12S215QA ITT-D101J12S215QA Datasheet
369Kb / 5P
   Miniature Snap-in Power Rocker Switches
logo
C&K Components
D501J12S215PQF CK-COMPONENTS-D501J12S215PQF Datasheet
295Kb / 5P
   Miniature Snap-in Power Rocker Switches
D101J12S215DQA CK-COMPONENTS-D101J12S215DQA Datasheet
1Mb / 5P
   Miniature Snap-in Power Rocker Switches
D CK-COMPONENTS-D Datasheet
482Kb / 5P
   Miniature Snap-in Power Rocker Switches
15 May 20
logo
List of Unclassifed Man...
T0050100599 ETC2-T0050100599 Datasheet
355Kb / 2P
   Widest range of geometrics and sizes Covers all standard applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com