전자부품 데이터시트 검색엔진 |
|
CD143A 데이터시트(PDF) 1 Page - Bourns Electronic Solutions |
|
CD143A 데이터시트(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 1 page Headquarters Riverside CA www.bourns.com page 1 of 1 CASRN: CAS Registry Number ® is a Registered Trademark of the American Chemical Society MATERIAL DECLARATION SHEET No. Construction Element(subpart) Homogeneous Material Material weight [g] Homogeneous Material\ Substances CASRN if applicable Materials Mass % Material Mass % of total unit wt. Subpart mass of total wt. (%) Copper 7440-50-8 95 40.770 1 Lead Frame Lead Frame 0.017090 Tin 7440-31-5 5 2.0600 42.8 Silicon 7440-21-3 97 23.420 2 Die Silicon 0.010036 Other non- regulated materials 3 0.4780 23.9 3 Gold Bond Wire Conductor 0.000234 Gold 7440-57-5 100 0.5867 0.6 Silver 7440-22-4 77 1.05 4 Silver Paste Die Attach 0.000540 Phenolic epoxy resin 9003-36-5 23 0.2963 1.3 Silica fused 60676-86-0 85 26.690 Brominated Epoxy resin 68928-70-1 10 3.1400 5 Molding Component Outer 0.012000 Phenol resin 29690-62-2 5 1.8840 31.4 Total weight 0.039964 This Document was updated on: 18-March 2009 Important remarks: 1. It is the responsibility of the user to verify they are accessing the latest version. Material Number CD143A Series Product Line Diode Products Compliance Date 13 July 2008 RoHS Compliant Yes MSL 1 |
유사한 부품 번호 - CD143A |
|
유사한 설명 - CD143A |