전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD143A-SR05 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 CD143A-SR05
상세설명  Steering/TVS Diode Array Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD143A-SR05 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  CD143A-SR05_11 Datasheet HTML 1Page - Bourns Electronic Solutions CD143A-SR05_11 Datasheet HTML 2Page - Bourns Electronic Solutions CD143A-SR05_11 Datasheet HTML 3Page - Bourns Electronic Solutions CD143A-SR05_11 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD143A-SR05~12 – Steering/TVS Diode Array Series
Packaging Information
The surface mount product is packaged in an 8 mm x 4 mm tape and reel format per EIA-481 standard.
Item
Symbol
SOT-143
Carrier Width
A
2.75 ±0.10
(0.108 - 0.004)
Carrier Length
B
3.30 ±0.10
(0.130 - 0.004)
Carrier Depth
C
1.25 ±0.10
(0.049 - 0.004)
Sprocket Hole
d
1.55 ±0.05
(0.061 - 0.002)
Reel Outside Diameter
D
178
(7.008)
Reel Inner Diameter
D1
50.0
(1.969)
Min.
Feed Hole Diameter
D2
13.0 ±0.20
(0.512 - 0.008)
Sprocket Hole Position
E
1.75 ±0.10
(0.069 - 0.004)
Punch Hole Position
F
3.50 ±0.05
(0.138 - 0.002)
Punch Hole Pitch
P
4.00 ±0.10
(0.157 - 0.004)
Sprocket Hole Pitch
P0
4.00 ±0.10
(0.157 - 0.004)
Embossment Center
P1
2.00 ±0.05
(0.079 - 0.002)
Overall Tape Thickness
T
0.20 ±0.10
(0.008 - 0.004)
Tape Width
W
8.00 ±0.20
(0.315 - 0.008)
Reel Width
W1
14.4
(0.567)
Max.
Quantity per Reel
3,000
REV. 06/11
.......
.......
.......
.......
.......
.......
.......
.......
PB
F
E
d
T
120 °
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
A
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
MM
(INCHES)
DIMENSIONS:


유사한 부품 번호 - CD143A-SR05_11

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05LC BOURNS-CD143A-SR05LC_15 Datasheet
346Kb / 5P
   Steering/TVS Diode Array Series
More results

유사한 설명 - CD143A-SR05_11

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD143A-SR05LC BOURNS-CD143A-SR05LC Datasheet
241Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR2.8 BOURNS-CD143A-SR2.8_11 Datasheet
238Kb / 4P
   Steering/TVS Diode Array Series
CD143A-SR05LC BOURNS-CD143A-SR05LC_15 Datasheet
346Kb / 5P
   Steering/TVS Diode Array Series
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com