전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC7S66FU 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC7S66FU
상세설명  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7S66FU 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC7S66FU Datasheet HTML 1Page - Toshiba Semiconductor TC7S66FU Datasheet HTML 2Page - Toshiba Semiconductor TC7S66FU Datasheet HTML 3Page - Toshiba Semiconductor TC7S66FU Datasheet HTML 4Page - Toshiba Semiconductor TC7S66FU Datasheet HTML 5Page - Toshiba Semiconductor TC7S66FU Datasheet HTML 6Page - Toshiba Semiconductor TC7S66FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7S66F/FU
2009-09-30
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7S66F,TC7S66FU
Bilateral Switch
The TC7S66 is a high Speed C2MOS Bilateral Switch fabricated
with silicon gate C2MOS technology.
It consists of a high speed switch capable of controlling either
digital or analog signals while maintaining the C2MOS low power
dissipation.
Control input (C) is provided to control the switch.
The switch turns ON while the C input is high, and the switch
turns OFF while low.
Input is equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 7 ns (typ.) @VCC = 5 V
• Low power dissipation: ICC = 1 μA (max) @Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Low ON resistance: RON = 100 Ω (typ.) @VCC = 9 V
• Low T.H.D: THD = 0.05% (typ.) @VCC = 5 V
• Pin and function compatible with TC4S66F
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
DC Supply voltage
VCC
−0.5 to 13
V
Control input voltage
VIN
−0.5 to VCC + 0.5
V
Switch I/O voltage
VI/O
−0.5 to VCC + 0.5
V
Control diode current
ICK
±20
mA
Output diode current
IOK
±20
mA
Through I/O current
IT
±12.5
mA
DC VCC/ground current
ICC
±25
mA
Power dissipation
PD
200
mW
Storage temperature range
Tstg
−65 to 150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TC7S66F
TC7S66FU
Weight
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)


유사한 부품 번호 - TC7S66FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7S66FU TOSHIBA-TC7S66FU Datasheet
244Kb / 6P
   BILATERAL SWITCH
TC7S66FU TOSHIBA-TC7S66FU Datasheet
252Kb / 7P
   BILATERAL SWITCH
More results

유사한 설명 - TC7S66FU

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com