전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF6717MPBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF6717MPBF
상세설명  RoHs Compliant and Halgen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF6717MPBF 데이터시트(HTML) 4 Page - International Rectifier

  IRF6717MPBF Datasheet HTML 1Page - International Rectifier IRF6717MPBF Datasheet HTML 2Page - International Rectifier IRF6717MPBF Datasheet HTML 3Page - International Rectifier IRF6717MPBF Datasheet HTML 4Page - International Rectifier IRF6717MPBF Datasheet HTML 5Page - International Rectifier IRF6717MPBF Datasheet HTML 6Page - International Rectifier IRF6717MPBF Datasheet HTML 7Page - International Rectifier IRF6717MPBF Datasheet HTML 8Page - International Rectifier IRF6717MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF6717MPbF
4
www.irf.com
Fig 5. Typical Output Characteristics
Fig 4. Typical Output Characteristics
Fig 6. Typical Transfer Characteristics
Fig 7. Normalized On-Resistance vs. Temperature
Fig 8. Typical Capacitance vs.Drain-to-Source Voltage
Fig 9. Typical On-Resistance vs.
Drain Current and Gate Voltage
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
10V
5.0V
4.5V
3.5V
3.3V
3.0V
2.8V
BOTTOM
2.5V
≤60µs PULSE WIDTH
Tj = 25°C
2.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
2.5V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
5.0V
4.5V
3.5V
3.3V
3.0V
2.8V
BOTTOM
2.5V
1
2
3
4
5
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 15V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 38A
VGS = 10V
VGS = 4.5V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
50
100
150
200
ID, Drain Current (A)
0
1
2
3
4
5
6
TJ = 25°C
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.0V
Vgs = 10V


유사한 부품 번호 - IRF6717MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6717MPBF IRF-IRF6717MPBF Datasheet
250Kb / 9P
   DirectFETPower MOSFET
IRF6717MPBF IRF-IRF6717MPBF Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
IRF6717MPBF IRF-IRF6717MPBF_15 Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
More results

유사한 설명 - IRF6717MPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF6717MPBF IRF-IRF6717MPBF_15 Datasheet
223Kb / 9P
   RoHs Compliant and Halgen Free
logo
COSMO Electronics Corp...
KT1410 COSMO-KT1410 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP161L COSMO-KTLP161L Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP166J COSMO-KTLP166J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
COSMO Electronics Corp...
KT1310 COSMO-KT1310 Datasheet
202Kb / 8P
   Pb free and RoHS compliant
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com