전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD6NK50ZT4 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STD6NK50ZT4
상세설명  N-CHANNEL 500V - 0.93ohm - 5.6A TO-220/TO-220FP/DPAK
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6NK50ZT4 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STD6NK50ZT4 Datasheet HTML 4Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 5Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 6Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 7Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 8Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 9Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 10Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 11Page - STMicroelectronics STD6NK50ZT4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STP6NK50Z - STF6NK50Z - STD6NK50Z
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
DPAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
16.4
18.4
0.645
0.724
N
50
1.968
T
22.4
0.881
BASE QTY
BULK QTY
2500
2500
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
6.8
7
0.267
0.275
B0
10.4
10.6
0.409
0.417
B1
12.1
0.476
D
1.5
1.6
0.059
0.063
D1
1.5
0.059
E
1.65
1.85
0.065
0.073
F
7.4
7.6
0.291
0.299
K0
2.55
2.75
0.100
0.108
P0
3.9
4.1
0.153
0.161
P1
7.9
8.1
0.311
0.319
P2
1.9
2.1
0.075
0.082
R
40
1.574
W
15.7
16.3
0.618
0.641
TAPE MECHANICAL DATA
All dimensions
are in millimeters
All dimensions are in millimeters


유사한 부품 번호 - STD6NK50ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD6NK50ZT4 STMICROELECTRONICS-STD6NK50ZT4 Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
More results

유사한 설명 - STD6NK50ZT4

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP6NK50Z STMICROELECTRONICS-STP6NK50Z Datasheet
408Kb / 12P
   N-CHANNEL 500V - 0.93 ohm - 5.6A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH MOSFET
April 2004
STD4NK50ZT4 STMICROELECTRONICS-STD4NK50ZT4 Datasheet
671Kb / 13P
   N-CHANNEL 500V - 2.4W - 3A TO-220/TO-220FP/DPAK/IPAK
STD5NK40ZT4 STMICROELECTRONICS-STD5NK40ZT4 Datasheet
608Kb / 13P
   N-CHANNEL 400V - 1.47ohm - 3A TO-220/TO-220FP/DPAK/IPAK
STP4NC50 STMICROELECTRONICS-STP4NC50 Datasheet
107Kb / 9P
   N-CHANNEL 500V - 2.2ohm - 4A TO-220/TO-220FP PowerMeshII MOSFET
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
   N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh??MOSFET
STP4NK50Z STMICROELECTRONICS-STP4NK50Z Datasheet
664Kb / 13P
   N-CHANNEL 500V - 2.4ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
   N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
   N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com