전자부품 데이터시트 검색엔진 |
|
STD13003T4 데이터시트(PDF) 1 Page - STMicroelectronics |
|
STD13003T4 데이터시트(HTML) 1 Page - STMicroelectronics |
1 / 8 page STD13003 HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR s REVERSE PINS OUT Vs STANDARD IPAK (TO-251) / DPAK (TO-252) PACKAGES s MEDIUM VOLTAGE CAPABILITY s LOW SPREAD OF DYNAMIC PARAMETERS s MINIMUM LOT-TO-LOT SPREAD FOR RELIABLE OPERATION s VERY HIGH SWITCHING SPEED s SURFACE-MOUNTING DPAK (TO-252) POWER PACKAGE IN TAPE & REEL (Suffix "T4") s THROUGH-HOLE IPAK (TO-251) POWER PACKAGE IN TUBE (Suffix "-1") APPLICATIONS: s ELECTRONIC BALLASTS FOR FLUORESCENT LIGHTING s SWITCH MODE POWER SUPPLIES DESCRIPTION The device is manufactured using high voltage Multi Epitaxial Planar technology for high switching speeds and medium voltage capability. It uses a Cellular Emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. The device is designed for use in lighting applications and low cost switch-mode power supplies. ® INTERNAL SCHEMATIC DIAGRAM September 2001 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCES Collector-Emitter Voltage (VBE = 0) 700 V VCEO Collector-Emitter Voltage (IB = 0) 400 V VEBO Emitter-Base Voltage (IC = 0, IB = 0.75 A, tp < 10 µs, Tj < 150oC) BVEBO V IC Collector Current 1.5 A ICM Collector Peak Current (tp < 5 ms) 3 A IB Base Current 0.75 A IBM Base Peak Current (tp < 5 ms) 1.5 A Ptot Total Dissipation at Tc = 25 oC20 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 3 2 1 IPAK TO-251 (Suffix "-1") 1 3 DPAK TO-252 (Suffix "T4") 1/8 |
유사한 부품 번호 - STD13003T4 |
|
유사한 설명 - STD13003T4 |