전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH1T45DBVRE4 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 74AVCH1T45DBVRE4
상세설명  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION ND 3-STATE OUTPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AVCH1T45DBVRE4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button 74AVCH1T45DBVRE4 Datasheet HTML 4Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 5Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 6Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 7Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 8Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 9Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 10Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 11Page - Texas Instruments 74AVCH1T45DBVRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVCH1T45
SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES598D – JULY 2004 – REVISED JANUARY 2008
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
0.1 V
0.15 V
0.2 V
0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3
A
B
ns
tPHL
2.6
0.5
4.9
0.4
4.6
0.3
3.4
0.3
3
tPLH
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
B
A
ns
tPHL
2.2
0.4
4.2
0.3
3.8
0.2
3.4
0.2
3.3
tPHZ
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
DIR
A
ns
tPLZ
2.8
0.3
3.8
0.8
3.8
0.4
3.8
0.5
3.8
tPHZ
4.9
2
7.6
1.5
6.5
0.6
4.1
1
4
DIR
B
ns
tPLZ
4.9
2
7.6
1.5
6.5
0.6
4.1
1
4
tPZH
(1)
7.1
11.8
10.3
7.5
7.3
DIR
A
ns
tPZL
(1)
7.1
11.8
10.3
7.5
7.3
tPZH
(1)
5.4
8.6
8.1
7
6.6
DIR
B
ns
tPZL
(1)
5.4
8.6
8.1
7
6.6
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
0.1 V
0.15 V
0.2 V
0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.4
4.7
0.3
4.4
0.2
3.3
0.2
2.8
A
B
ns
tPHL
2.6
0.4
4.7
0.3
4.4
0.2
3.3
0.2
2.8
tPLH
2.2
0.4
3.8
0.3
3.4
0.2
3
0.1
2.8
B
A
ns
tPHL
2.2
0.4
3.8
0.3
3.4
0.2
3
0.1
2.8
tPHZ
3.1
1.3
4.3
1.3
4.3
1.3
4.3
1.3
4.3
DIR
A
ns
tPLZ
3.1
1.3
4.3
1.3
4.3
1.3
4.3
1.3
4.3
tPHZ
4
0.7
7.4
0.6
6.5
0.7
4
1.5
3.9
DIR
B
ns
tPLZ
4
0.7
7.4
0.6
6.5
0.7
4
1.5
3.9
tPZH
(1)
6.2
11.2
9.9
7
6.7
DIR
A
ns
tPZL
(1)
6.2
11.2
9.9
7
6.7
tPZH
(1)
5.7
8.9
8.5
7.2
6.8
DIR
B
ns
tPZL
(1)
5.7
8.9
8.5
7.2
6.8
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCH1T45


유사한 부품 번호 - 74AVCH1T45DBVRE4

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AVCH1T45DW-7 DIODES-74AVCH1T45DW-7 Datasheet
565Kb / 17P
   SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
More results

유사한 설명 - 74AVCH1T45DBVRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC1T45 TI-SN74AVC1T45 Datasheet
473Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_08 Datasheet
612Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_08 Datasheet
601Kb / 24P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-EP TI-SN74LVC1T45-EP Datasheet
421Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1 Datasheet
542Kb / 20P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_07 Datasheet
466Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45 Datasheet
379Kb / 22P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1T45 TI-SN74LVC1T45_09 Datasheet
831Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC1T45 TI-SN74AVC1T45_10 Datasheet
863Kb / 26P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com