전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7413Z 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRF7413Z
상세설명  Control FET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7413Z 데이터시트(HTML) 4 Page - International Rectifier

  IRF7413Z Datasheet HTML 1Page - International Rectifier IRF7413Z Datasheet HTML 2Page - International Rectifier IRF7413Z Datasheet HTML 3Page - International Rectifier IRF7413Z Datasheet HTML 4Page - International Rectifier IRF7413Z Datasheet HTML 5Page - International Rectifier IRF7413Z Datasheet HTML 6Page - International Rectifier IRF7413Z Datasheet HTML 7Page - International Rectifier IRF7413Z Datasheet HTML 8Page - International Rectifier IRF7413Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF7413Z
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
TA = 25°C
Tj = 150°C
Single Pulse
0
4
8
12
16
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 24V
VDS= 15V
ID= 10A


유사한 부품 번호 - IRF7413Z

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413Z IRF-IRF7413Z Datasheet
210Kb / 10P
   HEXFET Power MOSFET
IRF7413Z IRF-IRF7413Z Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF Datasheet
266Kb / 10P
   Control FET for Notebool Processor Power, Control and Synchronous Rectifier
IRF7413ZPBF IRF-IRF7413ZPBF Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
More results

유사한 설명 - IRF7413Z

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTR IRF-IRF7413ZTR Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZTR IRF-IRF7807ZTR Datasheet
266Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZTRPBF IRF-IRF7807ZTRPBF Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
logo
Guangdong Youtai Semico...
IRF7807TR UMW-IRF7807TR Datasheet
382Kb / 8P
   Control FET for Notebook Processor Power
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com