전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX6VSM 데이터시트(PDF) 2 Page - STATEK CORPORATION

부품명 CX6VSM
상세설명  Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STATEK [STATEK CORPORATION]
홈페이지  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX6VSM 데이터시트(HTML) 2 Page - STATEK CORPORATION

  CX6VSM_08 Datasheet HTML 1Page - STATEK CORPORATION CX6VSM_08 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX6VSM CRYSTALS
CX6V
S
C
SM1
32.768K ,
100
/
I
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10132 - Rev C
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
18 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Standard Calibration Tolerance1 (see table below)
Motional Resistance (R1)
See Figure 1
MAX: 18-25 kHz, 2x Typ
25-600 kHz, 2.5x Typ
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
MIN is 0.25x Typ
Shunt Capacitance (C0)
1.4 pF
Drive Level
18-25 kHz 0.5 µW MAX
25-600 kHz 1.0 µW MAX
Turning Point (T0)2
Figure 4
Temperature Coefficient (k) -0.035 ppm/0C2
Aging, first year
5 ppm MAX
Shock, survival3
1,500 g, 0.3 ms, 1/2 sine
Vibration, survival3
10 g RMS, 20-2,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Tighter frequency calibration available.
2. Other turning point available.
3. Higher shock and vibration available.
CX6V Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
18-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.003%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
Load Capacitance (CL), Used to Calibrate CX6V
(other CL available)
Frequency Load
Frequency
Load
Range
Capacitance
Range
Capacitance
(kHz)
(pF)
(kHz)
(pF)
18-24.9
10
100.1-179.9
5
25-54.9
9
180-600
4
55-100.0
8
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
PACKAGING OPTIONS
CX6VSM
- Tray Pack
- 16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
FIGURE 1
CX6V TYPICAL MOTIONAL RESISTANCE (R1)
FIGURE 2
CX6V TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX6V TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX6V TYPICAL TURNING POINT TEMP. (T
0)
300
200
100
50
20
10
5
2
18
50
100
200
600
Frequency (kHz)
18
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
5
2
1.0
0.5
18
50
100
200
600
Frequency (kHz)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by: f-f0
=
k(T-T0)
2
f0
“S” if special or
custom design.
Blank if Srd.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
K = kHz
Calibration
Tolerance
@ 25OC
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
300
200
100
50
20
18
50
100
200
600
Frequency (kHz)


유사한 부품 번호 - CX6VSM_08

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX6VSM1 STATEK-CX6VSM1 Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX6VSM1 RSG-CX6VSM1 Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX6VSM2 STATEK-CX6VSM2 Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX6VSM2 RSG-CX6VSM2 Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX6VSM3 STATEK-CX6VSM3 Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

유사한 설명 - CX6VSM_08

제조업체부품명데이터시트상세설명
logo
STATEK CORPORATION
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1VSM RSG-CX1VSM Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM_08 Datasheet
128Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1VSM STATEK-CX1VSM Datasheet
480Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX6VSM RSG-CX6VSM Datasheet
505Kb / 2P
   18 kHz to 600 kHz Ultra-Low Profile (1mm) Miniature Surface Mount ??Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com