전자부품 데이터시트 검색엔진 |
|
ST200PG1SPGF 데이터시트(PDF) 2 Page - Honeywell Solid State Electronics Center |
|
ST200PG1SPGF 데이터시트(HTML) 2 Page - Honeywell Solid State Electronics Center |
2 / 4 page Stainless Steel Pressure Sensors ST Series SPECIFICATIONS Pressure Ranges 1 psig 0 to 5.0, 10.0, 15.0, 25.0, 50.0, 100, 150, 200, and 250 bar 0 to 0.4, 0.6, 1.0, 1.6, 2.5, 4.0, 6.0, 10.0, and 16.0 Physical Proof Pressure ≤150 psi [6.0 bar], 3 X rated range >150 psi [6.0 bar], 2 X rated range Burst Pressure ≤100 psi [6.0 bar], 5 X rated range >100 psi [6.0 bar], 3 X rated range Material in contact with media 300 series stainless steel or brass, internal seal, silicon, polyetherimide Weight 2.0 oz [57.0 gm] Environmental 2 Shock 50 g’s peak [5 milliseconds] Vibration Figure 514.2-5, Curve AK, Table 514.2-V, Random Vibration Test [Overall g rms = 20.7 minimum] Electrical 3 Voltage Current Null Offset 0.5 Vdc 4.0 MA Span 4.0 Vdc [0.50 Vdc to 4.50 Vdc] 16 mA [4 mA to 20 mA] Excitation Ratiometric Regulated 5.0 Vdc ±250 mV [7.0 Vdc max.] 7.0 Vdc to 35.0 Vdc 9.5 Vdc to 35.0 Vdc Supply Current 5.0 mA typical [7.0 mA max.] N/A Source (nominal) 2.0 mA N/A Sink (nominal) 20 µA @ zero output N/A Supply Rejection Ratio 90 decibels N/A Output Impedance 25 Ω max. N/A Performance 3 Response Time < 500 µs EMI/RFI Exceeds CE heavy industrial [30v/m radiated 150 kHz to 1 gHz] Electrical Connection Packard Metri-Pack TM requires mating connector P/N3685901 (order separately) Accuracy ±1.0% F.S.O. best fit straight line includes: non-linearity, hysteresis, non- repeatability. Thermal errors are not included. Total Error Band ±2% F.S.O. Includes: zero offset error, span error, thermal effect on zero and thermal effect on span, non-linearity, hysteresis, non-repeatability Compensated Operating and Storage Temperature Range Range -40 °C to 100 °C [-40 °F to 212 °F] Notes: 1. Contact the factory to discuss other pressure ranges . 2. Meets IEC-68-2 or MIL-STD 810C. 3. All specifications are measured at 25 °C [77 °F] and at rated excitation unless otherwise specified. 2 Honeywell • Sensing and Control |
유사한 부품 번호 - ST200PG1SPGF |
|
유사한 설명 - ST200PG1SPGF |