전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AMT8100 데이터시트(PDF) 3 Page - ANADIGICS, Inc

부품명 AMT8100
상세설명  1.25Gb/s Integrated 850nm MSM-TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8100 데이터시트(HTML) 3 Page - ANADIGICS, Inc

  AMT8100 Datasheet HTML 1Page - ANADIGICS, Inc AMT8100 Datasheet HTML 2Page - ANADIGICS, Inc AMT8100 Datasheet HTML 3Page - ANADIGICS, Inc AMT8100 Datasheet HTML 4Page - ANADIGICS, Inc AMT8100 Datasheet HTML 5Page - ANADIGICS, Inc AMT8100 Datasheet HTML 6Page - ANADIGICS, Inc AMT8100 Datasheet HTML 7Page - ANADIGICS, Inc AMT8100 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AMT8100
Data Sheet - Revision 1
03/01
10mV/Div
200ps/Div
Figure 2: Eye Diagram with an Optical Input Power
of –17dBm
Figure 3: Eye Diagram with an Optical Input Power
of –1.0dB
150mV/Div
200ps/Div
Figure 4: Supply Current vs. Temperature
Figure 5: Bandwidth vs. Temperature
Figure 6: Differential Responsvity vs. Temperature
Figure 7: Sensitivity vs. Temperature
20.0
25.0
30.0
35.0
40.0
45.0
50.0
0
20406080
100
Ambient Temperature (C)
4.5V
5.0V
5.5V
600.0
800.0
1000.0
1200.0
1400.0
1600.0
0
20406080
100
Ambient Temperature (C)
4.5V
5.0V
5.5V
1000.0
1200.0
1400.0
1600.0
0
2040
6080
100
Ambient Temperature (C)
4.5V
5.0V
5.5V
-24.0
-23.5
-23.0
-22.5
-22.0
-21.5
-21.0
-20.5
-20.0
0
2040
6080
100
Ambient Temperature (C)
4.5V
5.0V
5.5V


유사한 부품 번호 - AMT8100

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L4 ANADIGICS-AMT8210T46L4 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L5 ANADIGICS-AMT8210T46L5 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8301T46F ANADIGICS-AMT8301T46F Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
More results

유사한 설명 - AMT8100

제조업체부품명데이터시트상세설명
logo
ANADIGICS, Inc
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8504 ANADIGICS-AMT8504 Datasheet
337Kb / 12P
   1.25 Gb/s Integrated 850nm MSM-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
logo
Pulse A Technitrol Comp...
SFPT-SX5-01 PULSE-SFPT-SX5-01 Datasheet
205Kb / 10P
   1.25Gb/s 850nm Multi-mode SFP Transceiver
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com