전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA5051AT 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA5051AT
상세설명  Home automation modem
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA5051AT 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA5051AT Datasheet HTML 1Page - NXP Semiconductors TDA5051AT Datasheet HTML 2Page - NXP Semiconductors TDA5051AT Datasheet HTML 3Page - NXP Semiconductors TDA5051AT Datasheet HTML 4Page - NXP Semiconductors TDA5051AT Datasheet HTML 5Page - NXP Semiconductors TDA5051AT Datasheet HTML 6Page - NXP Semiconductors TDA5051AT Datasheet HTML 7Page - NXP Semiconductors TDA5051AT Datasheet HTML 8Page - NXP Semiconductors TDA5051AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TDA5051A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 January 2011
4 of 29
NXP Semiconductors
TDA5051A
Home automation modem
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 2.
Pin configuration for SO16
TDA5051AT
DATA_IN
TEST1
DATA_OUT
PD
VDDD
RX_IN
CLK_OUT
VDDA
DGND
AGND
SCANTEST
VDDAP
OSC1
TX_OUT
OSC2
APGND
002aaf039
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 3.
Pin description
Symbol
Pin
Description
DATA_IN
1
digital data input (active LOW)
DATA_OUT
2
digital data output (active LOW)
VDDD
3
digital supply voltage
CLK_OUT
4
clock output
DGND
5
digital ground
SCANTEST
6
test input (LOW in application)
OSC1
7
oscillator input
OSC2
8
oscillator output
APGND
9
analog ground for power amplifier
TX_OUT
10
analog signal output
VDDAP
11
analog supply voltage for power amplifier
AGND
12
analog ground
VDDA
13
analog supply voltage
RX_IN
14
analog signal input
PD
15
power-down input (active HIGH)
TEST1
16
test input (HIGH in application)


유사한 부품 번호 - TDA5051AT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA5051AT PHILIPS-TDA5051AT Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
TDA5051AT NXP-TDA5051AT Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
More results

유사한 설명 - TDA5051AT

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051 PHILIPS-TDA5051 Datasheet
147Kb / 28P
   Home automation modem
1997 Sep 19
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
logo
Silicon Laboratories
EZR32LG230 SILABS-EZR32LG230 Datasheet
1Mb / 87P
   Building and home automation
logo
OmniVision Technologies...
OV798 OMNIVISION-OV798 Datasheet
707Kb / 2P
   Battery Home Automation Cameras
logo
Silicon Laboratories
EZR32WG230 SILABS-EZR32WG230 Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330 SILABS-EZR32WG330 Datasheet
1Mb / 87P
   Building and home automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EZR32LG330 SILABS-EZR32LG330 Datasheet
1Mb / 87P
   Building and home automation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com