전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB01-15C-TB-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 SB01-15C-TB-E
상세설명  Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB01-15C-TB-E 데이터시트(HTML) 5 Page - ON Semiconductor

  SB01-15C-TB-E Datasheet HTML 1Page - ON Semiconductor SB01-15C-TB-E Datasheet HTML 2Page - ON Semiconductor SB01-15C-TB-E Datasheet HTML 3Page - ON Semiconductor SB01-15C-TB-E Datasheet HTML 4Page - ON Semiconductor SB01-15C-TB-E Datasheet HTML 5Page - ON Semiconductor SB01-15C-TB-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SB01-15C
NoA0407-5/6
Outline Drawing
Land Pattern Example
SB01-15C-TB-E
Mass (g) Unit
0.013
* For reference mm
Unit: mm
0.95
0.95
0.8


유사한 부품 번호 - SB01-15C-TB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
   150V, 100mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
   150V, 100mA Rectifier
More results

유사한 설명 - SB01-15C-TB-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SB07-03C-TB-E ONSEMI-SB07-03C-TB-E Datasheet
321Kb / 6P
   Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
September, 2013
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
   Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
   Low IR Schottky Barrier Diode
YG862C06R FUJI-YG862C06R Datasheet
132Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com