전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD810ANZ 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD810ANZ
상세설명  MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD810ANZ 데이터시트(HTML) 5 Page - Analog Devices

  AD810ANZ Datasheet HTML 1Page - Analog Devices AD810ANZ Datasheet HTML 2Page - Analog Devices AD810ANZ Datasheet HTML 3Page - Analog Devices AD810ANZ Datasheet HTML 4Page - Analog Devices AD810ANZ Datasheet HTML 5Page - Analog Devices AD810ANZ Datasheet HTML 6Page - Analog Devices AD810ANZ Datasheet HTML 7Page - Analog Devices AD810ANZ Datasheet HTML 8Page - Analog Devices AD810ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-93132
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions
-55
°C ≤ TA ≤ +125°C
RL = 150 Ω
Group A
subgroups
Device
type
Limits 1/
Unit
unless otherwise specified
Min
Max
Input offset voltage
VIO
VS = ±5 V and ±15 V
1
01
-6
+6
mV
2,3
-15
+15
Input bias current
-IIB
VS = ±5 V, ±15 V,
1,2,3
01
-5
+5
µA
+IIB
VCM = 0 V
-10
+10
Open-loop transresistance
RVS
VS = ±15 V, VOUT = ±10 V,
RL = 400 Ω
1,2,3
01
1.0
M
VS = ±5 V, VOUT = ±2.5 V,
RL = 100 Ω
0.2
Open loop gain
AOL
VS = ±15 V, VOUT = ±10 V,
RL = 400 Ω
1,2,3
01
80
dB
VS = ±5 V, VOUT = ±2.5 V,
RL = 100 Ω
72
Common mode rejection
ratio
CMRR
VS = ±5 V, VCM = ±2.5 V
1,2,3
01
50
dB
VS = ±15 V, VCM = ±12 V
56
CMRRIB
VS = ±5 V and ±15 V
-0.4
0.4
µA/V
Power supply rejection
ratio
PSRR
VS = ±4.5 V to ±18 V
1,2,3
01
60
dB
PSRRIB
VS = ±4.5 V and ±18 V
-0.3
0.3
µA/V
Input common mode
voltage range
CMVR
VS = ±5 V
1,2,3
01
-2.5
+2.5
V
VS = ±15 V
-12
+12
See footnotes at end of table.


유사한 부품 번호 - AD810ANZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD810AN AD-AD810AN Datasheet
514Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
517Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
339Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
527Kb / 16P
   Low Power Video Op Amp with Disable
REV. A
AD810AN AD-AD810AN Datasheet
549Kb / 17P
   Low Power Video Op Amp with Disable
More results

유사한 설명 - AD810ANZ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP16GJ ETC2-OP16GJ Datasheet
173Kb / 14P
   MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com