전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP141AIDGKT 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP141AIDGKT
상세설명  Digital Out Temperature Sensor with Single-Wire SensorPath Bus
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP141AIDGKT 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TMP141AIDGKT Datasheet HTML 3Page - Texas Instruments TMP141AIDGKT Datasheet HTML 4Page - Texas Instruments TMP141AIDGKT Datasheet HTML 5Page - Texas Instruments TMP141AIDGKT Datasheet HTML 6Page - Texas Instruments TMP141AIDGKT Datasheet HTML 7Page - Texas Instruments TMP141AIDGKT Datasheet HTML 8Page - Texas Instruments TMP141AIDGKT Datasheet HTML 9Page - Texas Instruments TMP141AIDGKT Datasheet HTML 10Page - Texas Instruments TMP141AIDGKT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TMP141
SBAS347A − MARCH 2005 − REVISED JULY 2006
www.ti.com
7
OVERVIEW
The TMP141 is a digital output temperature sensor that
uses the single-wire SensorPath interface protocol. It does
not require any external sensing components for
measuring temperature. In order to minimize circuit board
space, the TMP141 is offered in the MSOP-8 and
SOT23-6 packages.
The primary usage of SensorPath-based systems is for
systems that monitor hardware health. The predefined
SensorPath functions are: temperature measurement,
voltage measurement, and non-volatile memory. The
specification allows for expansion by defining new
functions or enlarging upon the predefined functions. The
TMP141 implements the temperature measurement
function with a resolution of 0.25
°C.
The SensorPath interface allows a master to read up to
seven slave devices on a bus, four of which can be
TMP141s. The master interrogates devices on the bus to
determine what they are, their capabilities, and how they
can be used. Devices on the Single-Wire Data (SWD) bus
are open drain. Therefore, the SWD bus requires a 1.25k
pull-up resistor on the bus. This resistor may be provided
by the master. If the pull-up resistor is not included within
the master, an external resistor must be attached to the
bus. A 0.1
µF capacitor is recommended for power-supply
bypassing, as shown in Figure 3. Registers inside each
device include information that identifies the device
capabilities, manufacturer, part ID, and even device
revision number.
TMP141
Master
Optional
R = 1.25k
SWD
ADD1
ADD0
V
S =3.3V
0.1
µF
V
SS
The resistor R may be
integrated into the master.
Figure 3. Typical Connections of the TMP141
TEMPERATURE SENSING AND
CONVERSION
The TMP141 senses the absolute temperature by utilizing
a diode which is part of the IC. Therefore, the sensing
device of the TMP141 is the chip itself. Thermal paths run
through the package leads as well as the plastic package,
and the lower thermal resistance of metal causes the leads
to provide the primary thermal path.
To maintain accuracy in applications that require air or
surface temperature measurement, care should be taken
that the package and leads thermally connect with the
surface where the temperature measurement is desired.
For example, a thermally-conductive adhesive assists in
achieving accurate surface temperature measurements.
Even without special precautions, because of the very low
power consumption of the TMP141, self-heating will
normally be well below 1LSB (0.25
°C).
TYPICAL APPLICATION
The TMP141 is normally used with the address pins wired
high or low to select one of four possible addresses. The
value read from the hardware pins plus one is stored in
register 0 as the device number. When the master
transmits a matching device number, the TMP141 will
respond. In the example shown in Figure 3, ADD1:ADD0
are wired to 2h. In this example, 3h will be stored in register
0. When the master addresses device number 3, the
TMP141 in Figure 3 will respond. The TMP141 will also
work well in applications where ADD0:ADD1 are driven by
logic levels since it reads these pins every time it does a
conversion or bus transaction (see Table 2).


유사한 부품 번호 - TMP141AIDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP141AIDGKT TI-TMP141AIDGKT Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
More results

유사한 설명 - TMP141AIDGKT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
LM95010 TI1-LM95010 Datasheet
1Mb / 28P
[Old version datasheet]   Digital Temperature Sensor with SensorPath Bus
logo
National Semiconductor ...
LM95010 NSC-LM95010 Datasheet
275Kb / 19P
   Digital Temperature Sensor with SensorPath??Bus in MSOP8 Package
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
Maxim Integrated Produc...
MAX6575L MAXIM-MAX6575L Datasheet
182Kb / 12P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
Rev 0; 4/99
MAX6575_VO1 MAXIM-MAX6575_VO1 Datasheet
1Mb / 10P
   SOT Temperature Sensor with Multidrop Single-Wire Digital Interface
2021
logo
Texas Instruments
TMP275AIDR TI-TMP275AIDR Datasheet
832Kb / 19P
[Old version datasheet]   0.5 C Digital Out Temperature Sensor
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com