전자부품 데이터시트 검색엔진 |
|
74AUP1G14GW 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
74AUP1G14GW 데이터시트(HTML) 8 Page - NXP Semiconductors |
8 / 24 page 74AUP1G14 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 28 June 2012 8 of 24 NXP Semiconductors 74AUP1G14 Low-power Schmitt trigger inverter [1] All typical values are measured at nominal VCC. [2] tpd is the same as tPLH and tPHL. [3] CPD is used to determine the dynamic power dissipation (PD in μW). PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in V; N = number of inputs switching; Σ(CL × VCC2 × fo) = sum of the outputs. 13. Waveforms tpd propagation delay A to Y; see Figure 8 [2] VCC = 0.8 V - 37.3 - - - - ns VCC = 1.1 V to 1.3 V 4.0 9.8 18.7 3.9 19.6 20.0 ns VCC = 1.4 V to 1.6 V 3.7 7.1 11.2 3.8 12.3 12.9 ns VCC = 1.65 V to 1.95 V 3.6 6.0 9.1 3.6 10.0 10.6 ns VCC = 2.3 V to 2.7 V 3.5 5.2 6.9 3.2 7.5 7.9 ns VCC = 3.0 V to 3.6 V 3.3 4.8 6.1 3.1 7.1 7.4 ns CL = 5 pF, 10 pF, 15 pF and 30 pF CPD power dissipation capacitance fi = 1 MHz; VI = GND to VCC [3] VCC = 0.8 V - 2.6 - - - - pF VCC = 1.1 V to 1.3 V - 2.7 - - - - pF VCC = 1.4 V to 1.6 V - 2.9 - - - - pF VCC = 1.65 V to 1.95 V - 3.1 - - - - pF VCC = 2.3 V to 2.7 V - 3.7 - - - - pF VCC = 3.0 V to 3.6 V - 4.3 - - - - pF Table 8. Dynamic characteristics …continued Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9. Symbol Parameter Conditions 25 °C −40 °C to +125 °C Unit Min Typ[1] Max Min Max (85 °C) Max (125 °C) Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage levels that occur with the output load. Fig 8. The data input (A) to output (Y) propagation delays mna640 tPHL tPLH VM VM A input Y output GND VI VOH VOL |
유사한 부품 번호 - 74AUP1G14GW |
|
유사한 설명 - 74AUP1G14GW |