전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC154 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74HC154
상세설명  4-to-16 line decoder/demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC154 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74HC154 Datasheet HTML 5Page - NXP Semiconductors 74HC154 Datasheet HTML 6Page - NXP Semiconductors 74HC154 Datasheet HTML 7Page - NXP Semiconductors 74HC154 Datasheet HTML 8Page - NXP Semiconductors 74HC154 Datasheet HTML 9Page - NXP Semiconductors 74HC154 Datasheet HTML 10Page - NXP Semiconductors 74HC154 Datasheet HTML 11Page - NXP Semiconductors 74HC154 Datasheet HTML 12Page - NXP Semiconductors 74HC154 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
74HC_HCT154_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 12 February 2007
9 of 21
NXP Semiconductors
74HC154; 74HCT154
4-to-16 line decoder/demultiplexer
VOL
LOW-level output voltage
VI =VIH or VIL
VCC = 4.5 V; IO = 20 µA
-
0
0.1
V
VCC = 4.5 V; IO = 4 mA
-
0.15
0.25
V
II
input leakage current
VCC = 5.5 V; VI =VCC or GND
-
-
±0.1
µA
ICC
supply current
VCC = 5.5 V; VI =VCC or GND; IO =0A
-
-
8.0
µA
∆ICC
additional supply current
per input pin; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
360
µA
CI
input capacitance
-
3.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
VCC = 4.5 V; IO = −20 µA
4.4
-
-
V
VCC = 4.5 V; IO = −4 mA
3.84
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCC = 4.5 V; IO = 20 µA
-
-
0.1
V
VCC = 4.5 V; IO = 4 mA
-
-
0.33
V
II
input leakage current
VCC = 5.5 V; VI =VCC or GND
-
-
±1.0
µA
ICC
supply current
VCC = 5.5 V; VI =VCC or GND; IO =0A
-
-
80
µA
∆ICC
additional supply current
per input pin; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
450
µA
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
VCC = 4.5 V; IO = −20 µA
4.4
-
-
V
VCC = 4.5 V; IO = −4 mA
3.7
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCC = 4.5 V; IO = 20 µA
-
-
0.1
V
VCC = 4.5 V; IO = 4 mA
-
-
0.4
V
II
input leakage current
VCC = 5.5 V; VI =VCC or GND
-
-
±1.0
µA
ICC
supply current
VCC = 5.5 V; VI =VCC or GND; IO =0A
-
-
160
µA
∆ICC
additional supply current
per input pin; VCC = 4.5 V to 5.5 V;
VI =VCC − 2.1 V; IO =0A
-
-
490
µA
Table 7.
Static characteristics 74HCT154 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74HC154

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 PHILIPS-74HC154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Silicon Supplies
74HC154 SS-74HC154 Datasheet
1Mb / 6P
   Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
logo
Nexperia B.V. All right...
74HC154 NEXPERIA-74HC154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

유사한 설명 - 74HC154

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com