전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HC138PW 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 74HC138PW
상세설명  3-to-8 line decoder/demultiplexer; inverting
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC138PW 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button 74HC138PW Datasheet HTML 7Page - NXP Semiconductors 74HC138PW Datasheet HTML 8Page - NXP Semiconductors 74HC138PW Datasheet HTML 9Page - NXP Semiconductors 74HC138PW Datasheet HTML 10Page - NXP Semiconductors 74HC138PW Datasheet HTML 11Page - NXP Semiconductors 74HC138PW Datasheet HTML 12Page - NXP Semiconductors 74HC138PW Datasheet HTML 13Page - NXP Semiconductors 74HC138PW Datasheet HTML 14Page - NXP Semiconductors 74HC138PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
74HC_HCT138
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
11 of 19
NXP Semiconductors
74HC138; 74HCT138
3-to-8 line decoder/demultiplexer; inverting
12. Package outline
Fig 9.
Package outline SOT38-4 (DIP16)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT38-4
95-01-14
03-02-13
MH
c
(e )
1
ME
A
L
A1
w M
b1
b2
e
D
A2
Z
16
1
9
8
E
pin 1 index
b
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
UNIT
A
max.
12
b1
(1)
(1)
(1)
b2
cD
E
e
M
Z
H
L
mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
A
min.
A
max.
b
max.
w
M E
e 1
1.73
1.30
0.53
0.38
0.36
0.23
19.50
18.55
6.48
6.20
3.60
3.05
0.254
2.54
7.62
8.25
7.80
10.0
8.3
0.76
4.2
0.51
3.2
inches
0.068
0.051
0.021
0.015
0.014
0.009
1.25
0.85
0.049
0.033
0.77
0.73
0.26
0.24
0.14
0.12
0.01
0.1
0.3
0.32
0.31
0.39
0.33
0.03
0.17
0.02
0.13
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4


유사한 부품 번호 - 74HC138PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC138PW PHILIPS-74HC138PW Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74HC138PW NXP-74HC138PW Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
logo
Nexperia B.V. All right...
74HC138PW NEXPERIA-74HC138PW Datasheet
274Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 9 - 13 August 2021
logo
NXP Semiconductors
74HC138PW-Q100 NXP-74HC138PW-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
logo
Nexperia B.V. All right...
74HC138PW-Q100 NEXPERIA-74HC138PW-Q100 Datasheet
273Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 13 August 2021
More results

유사한 설명 - 74HC138PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
   3-to-8 Line Decoder/Demultiplexer; Inverting
logo
NXP Semiconductors
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
   3-to-8 line decoder/demultiplexer; inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
logo
NXP Semiconductors
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com