전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT4067BQ 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HCT4067BQ
상세설명  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067BQ 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HCT4067BQ Datasheet HTML 1Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 2Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 3Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 4Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 5Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 6Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 7Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 8Page - NXP Semiconductors 74HCT4067BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
2 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC4067
74HC4067N
40 C to +125 C
DIP24
plastic dual in-line package; 24 leads (600 mil);
reverse bending
SOT101-1
74HC4067D
40 C to +125 C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74HC4067DB
40 C to +125 C
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
74HC4067PW
40 C to +125 C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74HC4067BQ
40 C to +125 C
DHVQFN24 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 24 terminals;
body 3.5
 5.5  0.85 mm
SOT815-1
74HCT4067
74HCT4067N
40 C to +125 C
DIP24
plastic dual in-line package; 24 leads (600 mil);
reverse bending
SOT101-1
74HCT4067D
40 C to +125 C
SO24
plastic small outline package; 24 leads;
body width 7.5 mm
SOT137-1
74HCT4067DB
40 C to +125 C
SSOP24
plastic shrink small outline package; 24 leads;
body width 5.3 mm
SOT340-1
74HCT4067PW
40 C to +125 C
TSSOP24
plastic thin shrink small outline package; 24 leads;
body width 4.4 mm
SOT355-1
74HCT4067BQ
40 C to +125 C
DHVQFN24 plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 24 terminals;
body 3.5
 5.5  0.85 mm
SOT815-1


유사한 부품 번호 - 74HCT4067BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT4067BQ NXP-74HCT4067BQ Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067BQ NEXPERIA-74HCT4067BQ Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
74HCT4067BQ-Q100 NEXPERIA-74HCT4067BQ-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
74HCT4067BQ-Q100 NEXPERIA-74HCT4067BQ-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
More results

유사한 설명 - 74HCT4067BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com