전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2852YMXA-1.0 데이터시트(PDF) 10 Page - Texas Instruments

부품명 LM2852YMXA-1.0
상세설명  LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2852YMXA-1.0 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM2852YMXA-1.0 Datasheet HTML 6Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 7Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 8Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 9Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 10Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 11Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 12Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 13Page - Texas Instruments LM2852YMXA-1.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM2852
SNVS325D – JANUARY 2005 – REVISED APRIL 2013
www.ti.com
COMPENSATION
The LM2852 provides a highly integrated solution to power supply design. The compensation of the LM2852,
which is type-three, is included on-chip. The benefit to integrated compensation is straightforward, simple power
supply design. Since the output filter capacitor and inductor values impact the compensation of the control loop,
the range of L, C and CESR values is restricted in order to ensure stability.
OUTPUT FILTER VALUES
Table 1 details the recommended inductor and capacitor ranges for the LM2852 that are suggested for various
typical output voltages. Values slightly different than those recommended may be used, however the phase
margin of the power supply may be degraded.
Table 1. Output Filter Values
Frequency Option
VOUT (V)
PVIN (V)
L (µH)
C (µF)
CESR (mΩ)
Min
Max
Min
Max
Min
Max
0.8
3.3
10
15
100
220
70
200
0.8
5.0
10
15
100
120
70
200
1.0
3.3
10
15
100
180
70
200
1.0
5.0
10
15
100
180
70
200
1.2
3.3
10
15
100
180
70
200
1.2
5.0
15
22
100
120
70
200
LM2852Y
1.5
3.3
10
15
100
120
70
200
(500kHz)
1.5
5.0
22
22
100
120
70
200
1.8
3.3
10
15
100
120
100
200
1.8
5.0
22
33
100
120
100
200
2.5
3.3
6.8
10
68
120
95
275
2.5
5.0
15
22
68
120
95
275
3.3
5.0
15
22
68
100
100
275
0.8
3.3
The 1500kHz version is
designed for ceramic output
0.8
5.0
capacitors which typically have
1.0
3.3
very low ESR (<10m
Ω.)
1.0
5.0
1.2
3.3
1.2
5.0
LM2852X
1.5
3.3
1
10
(1500kHz)
1.5
5.0
1.8
3.3
1.8
5.0
2.5
3.3
2.5
5.0
3.3
5.0
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM2852


유사한 부품 번호 - LM2852YMXA-1.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2852YMXA-1.0 NSC-LM2852YMXA-1.0 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
LM2852YMXA-1.0 NSC-LM2852YMXA-1.0 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852YMXA-1.0 TI1-LM2852YMXA-1.0 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852YMXA-1.0/NOPB TI1-LM2852YMXA-1.0/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

유사한 설명 - LM2852YMXA-1.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852 NSC-LM2852 Datasheet
618Kb / 13P
   2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
[Old version datasheet]   4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
   4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com