전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3485MMX 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM3485MMX
상세설명  Hysteretic PFET Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3485MMX 데이터시트(HTML) 1 Page - Texas Instruments

  LM3485MMX Datasheet HTML 1Page - Texas Instruments LM3485MMX Datasheet HTML 2Page - Texas Instruments LM3485MMX Datasheet HTML 3Page - Texas Instruments LM3485MMX Datasheet HTML 4Page - Texas Instruments LM3485MMX Datasheet HTML 5Page - Texas Instruments LM3485MMX Datasheet HTML 6Page - Texas Instruments LM3485MMX Datasheet HTML 7Page - Texas Instruments LM3485MMX Datasheet HTML 8Page - Texas Instruments LM3485MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM3485
www.ti.com
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
Hysteretic PFET Buck Controller
Check for Samples: LM3485
1
FEATURES
DESCRIPTION
The LM3485 is a high efficiency PFET switching
2
Easy to Use Control Methodology
regulator controller that can be used to quickly and
No Control Loop Compensation Required
easily develop a small, low cost, switching buck
4.5V to 35V Wide Input Range
regulator for a wide range of applications. The
hysteretic control architecture provides for simple
1.242V to VIN Adjustable Output Range
design without any control loop stability concerns
High Efficiency 93%
using a wide variety of external components. The
±1.3% (±2% Over Temp) Internal Reference
PFET architecture also allows for low component
count as well as ultra-low dropout, 100% duty cycle
100% Duty Cycle
operation. Another benefit is high efficiency operation
Maximum Operating Frequency > 1MHz
at light loads without an increase in output ripple.
Current Limit Protection
Current limit protection is provided by measuring the
VSSOP-8
voltage across the PFET’s RDS(ON), thus eliminating
the need for a sense resistor. The cycle-by-cycle
APPLICATIONS
current limit can be adjusted with a single resistor,
ensuring safe operation over a range of output
Set-Top Box
currents.
DSL or Cable Modem
PC/IA
Auto PC
TFT Monitor
Battery Powered Portable Applications
Distributed Power Systems
Always On Power
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM3485MMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485MMX NSC-LM3485MMX Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX TI1-LM3485MMX Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX-NOPB TI-LM3485MMX-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MMX/NOPB TI1-LM3485MMX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

유사한 설명 - LM3485MMX

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com