전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6B596 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6B596
상세설명  POWER LOGIC 8-BIT SHIFT REGISTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPIC6B596 데이터시트(HTML) 1 Page - Texas Instruments

  TPIC6B596 Datasheet HTML 1Page - Texas Instruments TPIC6B596 Datasheet HTML 2Page - Texas Instruments TPIC6B596 Datasheet HTML 3Page - Texas Instruments TPIC6B596 Datasheet HTML 4Page - Texas Instruments TPIC6B596 Datasheet HTML 5Page - Texas Instruments TPIC6B596 Datasheet HTML 6Page - Texas Instruments TPIC6B596 Datasheet HTML 7Page - Texas Instruments TPIC6B596 Datasheet HTML 8Page - Texas Instruments TPIC6B596 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPIC6B596
POWER LOGIC 8BIT SHIFT REGISTER
SLIS095A − MARCH 2000 − REVISED MAY 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low rDS(on) ...5 Ω
D Avalanche Energy . . . 30 mJ
D Eight Power DMOS-Transistor Outputs of
150-mA Continuous Current
D 500-mA Typical Current-Limiting Capability
D Output Clamp Voltage ...50 V
D Enhanced Cascading for Multiple Stages
D All Registers Cleared With Single Input
D Low Power Consumption
description
The TPIC6B596 is a monolithic, high-voltage,
medium-current
power
8-bit
shift
register
designed for use in systems that require relatively
high load power. The device contains a built-in
voltage clamp on the outputs for inductive
transient protection. Power driver applications
include relays, solenoids, and other medium-
current or high-voltage loads.
This device contains an 8-bit serial-in, parallel-out
shift register that feeds an 8-bit D-type storage
register. Data transfers through both the shift and
storage registers on the rising edge of the
shift-register clock (SRCK) and the register clock
(RCK),
respectively.
The
storage
register
transfers data to the output buffer when shift-
register clear (SRCLR) is high. When SRCLR is
low, all registers in the device are cleared. When
output enable (G) is held high, all data in the
output buffers is held low and all drain outputs are
off. When G is held low, data from the storage
register is transparent to the output buffers. When
data in the output buffers is low, the DMOS-
transistor outputs are off. When data is high, the
DMOS-transistor outputs have sink-current capability. The serial output (SER OUT) is clocked out of the device
on the falling edge of SRCK to provide additional hold time for cascaded applications. This will provide improved
performance for applications where clock signals may be skewed, devices are not located near one another,
or the system must tolerate electromagnetic interference.
Outputs are low-side, open-drain DMOS transistors with output ratings of 50 V and 150-mA continuous sink-
current capability. Each output provides a 500-mA typical current limit at TC = 25°C. The current limit decreases
as the junction temperature increases for additional device protection.
The TPIC6B596 is characterized for operation over the operating case temperature range of − 40
°C to 125°C.
Copyright
 2000 − 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
VCC
SER IN
DRAIN0
DRAIN1
DRAIN2
DRAIN3
SRCLR
G
GND
NC
GND
SER OUT
DRAIN7
DRAIN6
DRAIN5
DRAIN4
SRCK
RCK
GND
DW OR N PACKAGE
(TOP VIEW)
logic symbol
2
SRG8
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
9
12
8
13
3
EN3
C2
R
C1
1D
G
RCK
SRCLR
SRCK
SER IN
4
6
5
14
7
16
15
18
17
DRAIN0
DRAIN1
DRAIN2
DRAIN3
DRAIN4
DRAIN5
DRAIN6
DRAIN7
SER OUT
2
NC − No internal connection


유사한 부품 번호 - TPIC6B596

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6B596 TI-TPIC6B596 Datasheet
163Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DW TI-TPIC6B596DW Datasheet
163Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DW TI1-TPIC6B596DW Datasheet
901Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DWG4 TI1-TPIC6B596DWG4 Datasheet
901Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B596DWR TI1-TPIC6B596DWR Datasheet
901Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

유사한 설명 - TPIC6B596

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596 TI-TPIC6A596 Datasheet
198Kb / 13P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com