전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM22671QMRX-5.0 데이터시트(PDF) 11 Page - Texas Instruments

부품명 LM22671QMRX-5.0
상세설명  LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM22671QMRX-5.0 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM22671QMRX-5.0 Datasheet HTML 7Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 8Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 9Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 10Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 11Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 12Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 13Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 14Page - Texas Instruments LM22671QMRX-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM22671
www.ti.com
SNVS589M – SEPTEMBER 2008 – REVISED APRIL 2013
The choice of switching frequency is governed by several considerations. As an example, lower frequencies may
be desirable to reduce switching losses or improve duty cycle limits. Higher frequencies, or a specific frequency,
may be desirable to avoid problems with EMI or reduce the physical size of external components. The flexibility
of increasing the switching frequency above 500 kHz can also be used to operate outside a critical signal
frequency band for a given application. Keep in mind that the values of inductor and output capacitor cannot be
reduced dramatically, by operating above 500 kHz. This is true because the design of the internal loop
compensation restricts the range of these components.
Frequency synchronization requires some care. First the external clock frequency must be greater than the
internal clock frequency, and less than 1 MHz. The maximum internal switching frequency is ensured in the
Electrical Characteristics table. Note that the frequency adjust feature and the synchronization feature can not be
used simultaneously. The synchronizing frequency must always be greater than the internal clock frequency.
Secondly, the RT/SYNC pin must see a valid high or low voltage, during start-up, in order for the regulator to go
into the synchronizing mode (see above). Also, the amplitude of the synchronizing pulses must comport with
VSYNC levels found in the Electrical Characteristics table. The regulator will synchronize on the rising edge of the
external clock. If the external clock is lost during normal operation, the regulator will revert to the 500 kHz (typ.)
internal clock.
If the frequency synchronization feature is used, current limit foldback is not operational; see the Current Limit
section for details.
Figure 18. Switching Frequency vs RT/SYNC Resistor
Self Synchronization
It is possible to synchronize multiple LM22671 regulators together to share the same switching frequency. This
can be done by tieing the RT/SYNC pins together through a MOSFET and connecting a 1 K
Ω resistor to ground
at each pin. Figure 19 shows this connection. The gate of the MOSFET should be connected to the regulator
with the highest output voltage. Also, the EN pins of both regulators should be tied to the common system
enable, in order to properly initialize both regulators. The operation is as follows: When the regulators are
enabled, the outputs are low and the MOSFET is off. The 1 k
Ω resistors pull the RT/SYNC pins low, thus
enabling the synchronization mode. These resistors are small enough to pull the RT/SYNC pin low, rather than
activate the frequency adjust mode. Once the output voltage of one of the regulators is sufficient to turn on the
MOSFET, the two RT/SYNC pins are tied together and the regulators will run in synchronized mode. The two
regulators will be clocked at the same frequency but slightly phase shifted according to the minimum off-time of
the regulator with the fastest internal oscillator. The slight phase shift helps to reduce stress on the input
capacitors of the regulator. It is important to choose a MOSFET with a low gate threshold voltage so that the
MOSFET will be fully enhanced. Also, a MOSFET with low inter-electrode capacitance is required. The 2N7002
is a good choice.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22671


유사한 부품 번호 - LM22671QMRX-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM22671QMRX-5.0 NSC-LM22671QMRX-5.0 Datasheet
429Kb / 18P
   500 mA SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results

유사한 설명 - LM22671QMRX-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM22671 TI-LM22671_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22671/-Q1 42 V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25575QMH TI1-LM25575QMH Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
LM25575 TI-LM25575 Datasheet
999Kb / 30P
[Old version datasheet]   LM25575/LM25575-Q1 SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
LM22676 TI-LM22676_13 Datasheet
2Mb / 27P
[Old version datasheet]   LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com