전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431BMSDT 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 TL431BMSDT
상세설명  Adjustable precision shunt regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TL431BMSDT 데이터시트(HTML) 1 Page - NXP Semiconductors

  TL431BMSDT Datasheet HTML 1Page - NXP Semiconductors TL431BMSDT Datasheet HTML 2Page - NXP Semiconductors TL431BMSDT Datasheet HTML 3Page - NXP Semiconductors TL431BMSDT Datasheet HTML 4Page - NXP Semiconductors TL431BMSDT Datasheet HTML 5Page - NXP Semiconductors TL431BMSDT Datasheet HTML 6Page - NXP Semiconductors TL431BMSDT Datasheet HTML 7Page - NXP Semiconductors TL431BMSDT Datasheet HTML 8Page - NXP Semiconductors TL431BMSDT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
Three-terminal shunt regulator family with an output voltage range between Vref and 36 V,
to be set by two external resistors.
The TL431xDBZR types feature an enhanced stability area with a very low
load capacity requirement.
The TL431xFDT types offer an enhanced stability area and a higher
ElectroMagnetic Interference (EMI) ruggedness, for example, for Switch Mode Power
Supply (SMPS) applications.
The TL431xSDT types are designed for standard requirements and linear
applications.
TL431 family
Adjustable precision shunt regulator
Rev. 4 — 30 June 2011
Product data sheet
Table 1.
Product overview
Reference voltage
tolerance (Vref)
Temperature range (Tamb)
Pinning
configuration
(see Table 5)
0 to 70
C
40 to 85 C
40 to 125 C
2 %
TL431CDBZR
TL431IDBZR
TL431QDBZR
normal pinning
TL431FDT
normal pinning
TL431MFDT
mirrored pinning
TL431SDT
normal pinning
TL431MSDT
mirrored pinning
1 %
TL431ACDBZR TL431AIDBZR
TL431AQDBZR normal pinning
TL431AFDT
normal pinning
TL431AMFDT
mirrored pinning
TL431ASDT
normal pinning
TL431AMSDT
mirrored pinning
0.5 %
TL431BCDBZR TL431BIDBZR
TL431BQDBZR normal pinning
TL431BFDT
normal pinning
TL431BMFDT
mirrored pinning
TL431BSDT
normal pinning
TL431BMSDT
mirrored pinning


유사한 부품 번호 - TL431BMSDT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TL431BMSDT NXP-TL431BMSDT Datasheet
214Kb / 23P
   Adjustable precision shunt regulator
Rev. 02-20 January 2010
TL431BMSDT PHILIPS-TL431BMSDT Datasheet
277Kb / 27P
   Adjustable precision shunt regulator
Rev. 4-30 June 2011
More results

유사한 설명 - TL431BMSDT

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com