전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0832CCN 데이터시트(PDF) 4 Page - Texas Instruments

부품명 ADC0832CCN
상세설명  ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0832CCN 데이터시트(HTML) 4 Page - Texas Instruments

  ADC0832CCN Datasheet HTML 1Page - Texas Instruments ADC0832CCN Datasheet HTML 2Page - Texas Instruments ADC0832CCN Datasheet HTML 3Page - Texas Instruments ADC0832CCN Datasheet HTML 4Page - Texas Instruments ADC0832CCN Datasheet HTML 5Page - Texas Instruments ADC0832CCN Datasheet HTML 6Page - Texas Instruments ADC0832CCN Datasheet HTML 7Page - Texas Instruments ADC0832CCN Datasheet HTML 8Page - Texas Instruments ADC0832CCN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
ADC0831-N, ADC0832-N, ADC0834-N, ADC0838-N
SNAS531B – AUGUST 1999 – REVISED MARCH 2013
www.ti.com
Converter and Multiplexer Electrical Characteristics
The following specifications apply for VCC = V+ = VREF = 5V, VREF ≤ VCC +0.1V, TA = Tj = 25°C, and fCLK = 250 kHz unless
otherwise specified. Boldface limits apply from TMIN to TMAX.
BCV, CCV, CCWM, BCN
CIWM Devices
and CCN Devices
Parameter
Conditions
Units
Tested
Design
Tested
Design
Typ(1)
Typ(1)
Limit(2)
Limit(3)
Limit(2)
Limit(3)
CONVERTER AND MULTIPLEXER CHARACTERISTICS
ADC0838BCV
±½
±½
ADC0834BCN
±½
±½
Total
ADC0838CCV
±1
±1
Unadjusted
VREF = 5.00 V
(4)
LSB (Max)
ADC0831/2/4/8CCN
±1
±1
Error
ADC0831/2/4/8CCWM
±1
±1
ADC0832/8CIWM
±1
Minimum Reference Input
3.5
1.3
3.5
1.3
1.3
k
Ω
Resistance(5)
Maximum Reference Input
3.5
5.9
3.5
5.4
5.9
k
Ω
Resistance(5)
Maximum Common-Mode Input
VCC
VCC
VCC+0.05
V
Range(6)
+0.05
+0.05
Minimum Common-Mode Input
GND
GND
GND
V
Range(6)
−0.05
−0.05
−0.05
DC Common-Mode Error
±1/16
±¼
±1/16
±¼
±¼
LSB
15 mA into V+, VCC =
Change in zero error from VCC=5V
N.C.,
1
1
1
LSB
to internal zener operation(7)
VREF = 5V
VZ, internal diode
MIN 15 mA into V+
6.3
6.3
6.3
breakdown (at V+)(7)
MAX
8.5
8.5
8.5
V
Power Supply Sensitivity
VCC = 5V ± 5%
±1/16
±¼
±¼
±1/16
±¼
±¼
LSB
On Channel = 5V
−0.2
−0.2
−1
μA
Off Channel = 0V
−1
IOFF, Off Channel Leakage
Current(8)
On Channel = 0V
+0.2
+0.2
+1
μA
Off Channel = 5V
+1
On Channel = 0V
−0.2
−0.2
−1
μA
Off Channel = 5V
−1
ION, On Channel Leakage Current
(8)
On Channel = 5V
+0.2
+0.2
+1
μA
Off Channel = 0V
+1
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Ensured but not 100% production tested. These limits are not used to calculate outgoing quality levels.
(4)
Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors.
(5)
Cannot be tested for ADC0832-N.
(6)
For VIN(−) ≥ VIN(+) the digital output code will be 0000 0000. Two on-chip diodes are tied to each analog input (see Functional Block
Diagram) which will forward conduct for analog input voltages one diode drop below ground or one diode drop greater than the VCC
supply. Be careful, during testing at low VCC levels (4.5V), as high level analog inputs (5V) can cause this input diode to
conduct—especially at elevated temperatures, and cause errors for analog inputs near full-scale. The spec allows 50 mV forward bias of
either diode. This means that as long as the analog VIN or VREF does not exceed the supply voltage by more than 50 mV, the output
code will be correct. To achieve an absolute 0 VDC to 5 VDC input voltage range will therefore require a minimum supply voltage of 4.950
VDC over temperature variations, initial tolerance and loading.
(7)
Internal zener diodes (6.3 to 8.5V) are connected from V+ to GND and VCC to GND. The zener at V+ can operate as a shunt regulator
and is connected to VCC via a conventional diode. Since the zener voltage equals the A/D's breakdown voltage, the diode insures that
VCC will be below breakdown when the device is powered from V+. Functionality is therefore ensured for V+ operation even though the
resultant voltage at VCC may exceed the specified Absolute Max of 6.5V. It is recommended that a resistor be used to limit the max
current into V+. (See Figure 24 in Functional Description)
(8)
Leakage current is measured with the clock not switching.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0831-N ADC0832-N ADC0834-N ADC0838-N


유사한 부품 번호 - ADC0832CCN

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ADC0832CCN MICRO-LINEAR-ADC0832CCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0832CCN NSC-ADC0832CCN Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0832CCN TI-ADC0832CCN Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN TI1-ADC0832CCN Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0832CCN/NOPB TI-ADC0832CCN/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
More results

유사한 설명 - ADC0832CCN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N_14 Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
[Old version datasheet]   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
ML2280 MICRO-LINEAR-ML2280 Datasheet
357Kb / 20P
   Serial I/O 8-Bit A/D Converters
logo
National Semiconductor ...
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
   8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com