전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2587S-5.0 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2587S-5.0
상세설명  LM2587 SIMPLE SWITCHER 5A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2587S-5.0 데이터시트(HTML) 3 Page - Texas Instruments

  LM2587S-5.0 Datasheet HTML 1Page - Texas Instruments LM2587S-5.0 Datasheet HTML 2Page - Texas Instruments LM2587S-5.0 Datasheet HTML 3Page - Texas Instruments LM2587S-5.0 Datasheet HTML 4Page - Texas Instruments LM2587S-5.0 Datasheet HTML 5Page - Texas Instruments LM2587S-5.0 Datasheet HTML 6Page - Texas Instruments LM2587S-5.0 Datasheet HTML 7Page - Texas Instruments LM2587S-5.0 Datasheet HTML 8Page - Texas Instruments LM2587S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LM2587
www.ti.com
SNVS115D – APRIL 2000 – REVISED APRIL 2013
Test Circuits
CIN1—100 μF, 25V Aluminum Electrolytic CIN2—0.1 μF CeramicT—22 μH, 1:1 Schott
#67141450D—1N5820COUT—680 μF, 16V Aluminum Electrolytic CC—0.47 μF Ceramic RC—2k
Figure 7. LM2587-3.3 and LM2587-5.0 Test Circuit
CIN1—100 μF, 25V Aluminum Electrolytic CIN2—0.1 μF CeramicL—15 μH, Renco #RL-5472-5D—1N5820COUT—680
μF, 16V Aluminum Electrolytic CC—0.47 μF Ceramic RC—2kFor 12V Devices: R1 = Short (0Ω) and R2 = Open For
ADJ Devices: R1 = 48.75k, ±0.1% and R2 = 5.62k, ±1%
Figure 8. LM2587-12 and LM2587-ADJ Test Circuit
Flyback Regulator Operation
The LM2587 is ideally suited for use in the flyback regulator topology. The flyback regulator can produce a single
output voltage, such as the one shown in Figure 9, or multiple output voltages. In Figure 9, the flyback regulator
generates an output voltage that is inside the range of the input voltage. This feature is unique to flyback
regulators and cannot be duplicated with buck or boost regulators.
The operation of a flyback regulator is as follows (refer to Figure 9): when the switch is on, current flows through
the primary winding of the transformer, T1, storing energy in the magnetic field of the transformer. Note that the
primary and secondary windings are out of phase, so no current flows through the secondary when current flows
through the primary. When the switch turns off, the magnetic field collapses, reversing the voltage polarity of the
primary and secondary windings. Now rectifier D1 is forward biased and current flows through it, releasing the
energy stored in the transformer. This produces voltage at the output.
The output voltage is controlled by modulating the peak switch current. This is done by feeding back a portion of
the output voltage to the error amp, which amplifies the difference between the feedback voltage and a 1.230V
reference. The error amp output voltage is compared to a ramp voltage proportional to the switch current (i.e.,
inductor current during the switch on time). The comparator terminates the switch on time when the two voltages
are equal, thereby controlling the peak switch current to maintain a constant output voltage.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2587


유사한 부품 번호 - LM2587S-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2587S-5.0 NSC-LM2587S-5.0 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2587S-5.0 NSC-LM2587S-5.0 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
More results

유사한 설명 - LM2587S-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com