전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2671N-5.0 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2671N-5.0
상세설명  LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671N-5.0 데이터시트(HTML) 1 Page - Texas Instruments

  LM2671N-5.0 Datasheet HTML 1Page - Texas Instruments LM2671N-5.0 Datasheet HTML 2Page - Texas Instruments LM2671N-5.0 Datasheet HTML 3Page - Texas Instruments LM2671N-5.0 Datasheet HTML 4Page - Texas Instruments LM2671N-5.0 Datasheet HTML 5Page - Texas Instruments LM2671N-5.0 Datasheet HTML 6Page - Texas Instruments LM2671N-5.0 Datasheet HTML 7Page - Texas Instruments LM2671N-5.0 Datasheet HTML 8Page - Texas Instruments LM2671N-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM2671
www.ti.com
SNVS008K – SEPTEMBER 1998 – REVISED APRIL 2013
LM2671 SIMPLE SWITCHER® Power Converter High Efficiency 500mA Step-Down Voltage
Regulator with Features
Check for Samples: LM2671
1
FEATURES
234
Efficiency up to 96%
DESCRIPTION
The LM2671 series of regulators are monolithic
Available in SOIC, 8-pin PDIP and WSON
integrated circuits built with a LMDMOS process.
Packages
These regulators provide all the active functions for a
Computer Design Software LM267X Made
step-down (buck) switching regulator, capable of
Simple (version 6.0)
driving a 500mA load current with excellent line and
Simple and Easy to Design With
load regulation. These devices are available in fixed
output voltages of 3.3V, 5.0V, 12V, and an adjustable
Requires Only 5 external Components
output version.
Uses Readily Available Standard Inductors
Requiring
a
minimum
number
of
external
3.3V, 5.0V, 12V, and Adjustable Output
components, these regulators are simple to use and
Versions
include patented internal frequency compensation
Adjustable Version Output Voltage Range:
(Patent
Nos.
5,382,918
and
5,514,947),
fixed
1.21V to 37V
frequency oscillator, external shutdown, soft-start,
and frequency synchronization.
±1.5% Max Output Voltage Tolerance Over
Line and Load Conditions
The LM2671 series operates at a switching frequency
Ensured 500mA Output Load Current
of
260
kHz,
thus
allowing
smaller
sized
filter
components than what would be needed with lower
0.25
Ω DMOS Output Switch
frequency switching regulators. Because of its very
Wide Input Voltage Range: 8V to 40V
high efficiency (>90%), the copper traces on the
260 kHz Fixed Frequency Internal Oscillator
printed circuit board are the only heat sinking needed.
TTL Shutdown Capability, Low Power Standby
A family of standard inductors for use with the
Mode
LM2671
are
available
from
several
different
manufacturers. This feature greatly simplifies the
Soft-Start and Frequency Synchronization
design of switch-mode power supplies using these
Thermal Shutdown and Current Limit
advanced ICs. Also included in the datasheet are
Protection
selector guides for diodes and capacitors designed to
work in switch-mode power supplies.
APPLICATIONS
Other features include a ensured ±1.5% tolerance on
Simple High Efficiency (>90%) Step-Down
output voltage within specified input voltages and
(Buck) Regulator
output load conditions, and ±10% on the oscillator
Efficient Pre-Regulator for Linear Regulators
frequency. External shutdown is included, featuring
typically 50
μA stand-by current. The output switch
includes current limiting, as well as thermal shutdown
for full protection under fault conditions.
To simplify the LM2671 buck regulator design
procedure, there exists computer design software,
LM267X Made Simple (version 6.0).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, WEBENCH are registered trademarks of Texas Instruments.
3
Windows is a registered trademark of Microsoft Corporation.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2671N-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2671N-5.0 NSC-LM2671N-5.0 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2671N-5.0 NSC-LM2671N-5.0 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2671N-5.0 TI-LM2671N-5.0 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671N-5.0 TI-LM2671N-5.0 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671N-5.0/NOPB TI1-LM2671N-5.0/NOPB Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
More results

유사한 설명 - LM2671N-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2671M-ADJ TI-LM2671M-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
LM2671MX-33 TI-LM2671MX-33 Datasheet
1Mb / 31P
[Old version datasheet]   LM2671 SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage
logo
National Semiconductor ...
LM2671 NSC-LM2671 Datasheet
972Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2674 NSC-LM2674 Datasheet
440Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com