전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2990S-5.0 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2990S-5.0
상세설명  LM2990 Negative Low Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2990S-5.0 데이터시트(HTML) 3 Page - Texas Instruments

  LM2990S-5.0 Datasheet HTML 1Page - Texas Instruments LM2990S-5.0 Datasheet HTML 2Page - Texas Instruments LM2990S-5.0 Datasheet HTML 3Page - Texas Instruments LM2990S-5.0 Datasheet HTML 4Page - Texas Instruments LM2990S-5.0 Datasheet HTML 5Page - Texas Instruments LM2990S-5.0 Datasheet HTML 6Page - Texas Instruments LM2990S-5.0 Datasheet HTML 7Page - Texas Instruments LM2990S-5.0 Datasheet HTML 8Page - Texas Instruments LM2990S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM2990
www.ti.com
SNVS093D – JUNE 1999 – REVISED APRIL 2013
Operating Ratings
(1)
Junction Temperature Range (TJ)
−40°C to +125°C
Maximum Input Voltage (Operational)
−26V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
Electrical Characteristics
VIN = −5V + VO(NOM)
(1), I
O = 1A, CO = 47 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range,
−40°C ≤ TJ ≤ 125°C, all other limits apply for TJ = 25°C.
LM2990-5.0
LM2990-5.2
Units
Parameter
Conditions
(Limit)
Typ(2)
Limit(3)
Typ(2)
Limit(3)
Output Voltage (VO)
−4.90
−5.10
V (max)
5 mA
≤ IO ≤ 1A
−5.10
−5.30
mV (min)
−5
−5.2
V
5 mA
≤ IO ≤ 1A
−4.75
−4.94
V (max)
−5.25
−5.46
V (min)
Line Regulation
IO = 5 mA,
4
40
4
40
mV (max)
VO(NOM) −1V > VIN > −26V
Load Regulation
50 mA
≤ IO ≤ 1A
1
40
1
40
mV (max)
Dropout Voltage
IO = 0.1A, ΔVO ≤ 100 mV
0.1
0.3
0.1
0.3
V (max)
IO = 1A, ΔVO ≤ 100 mV
0.6
1
0.6
1
V (max)
Quiescent Current (Iq)
IO ≤ 1A
1
5
1
5
mA (max)
IO = 1A, VIN = VO(NOM)
9
50
9
50
mA (max)
Short Circuit Current
RL = 1Ω
(4)
1.8
1.5
1.8
1.5
A (min)
Maximum Output Current
See(4)
1.8
1.5
1.8
1.5
A (min)
Ripple Rejection
Vripple = 1 Vrms,
58
50
58
50
dB (min)
ƒripple = 1 kHz, IO = 5 mA
Output Noise Voltage
10 Hz–100 kHz, IO = 5 mA
250
750
250
750
μV (max)
Long Term Stability
1000 Hours
2000
2000
ppm
(1)
VO(NOM) is the nominal (typical) regulator output voltage, −5V, −5.2V, −12V or −15V.
(2)
Typicals are at TJ = 25°C and represent the most likely parametric norm.
(3)
Limits are specified and 100% production tested.
(4)
The short circuit current is less than the maximum output current with the
−12V and −15V versions due to internal foldback current
limiting. The
−5V and −5.2V versions, tested with a lower input voltage, does not reach the foldback current limit and therefore conducts
a higher short circuit current level. If the LM2990 output is pulled above ground, the maximum allowed current sunk back into the
LM2990 is 1.5A.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2990


유사한 부품 번호 - LM2990S-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2990S-5.0 NSC-LM2990S-5.0 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Texas Instruments
LM2990S-5.0 TI-LM2990S-5.0 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5.0 TI-LM2990S-5.0 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5.0 TI1-LM2990S-5.0 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5.0/NOPB TI1-LM2990S-5.0/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
More results

유사한 설명 - LM2990S-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
LM2990S-5 TI-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990SX-12 TI-LM2990SX-12 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
LM2990S-5 TI1-LM2990S-5 Datasheet
1Mb / 20P
[Old version datasheet]   LM2990 Negative Low Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2991QML TI1-LM2991QML Datasheet
414Kb / 15P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
Micrel Semiconductor
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
   UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com