전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM285-ADJ 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 LM285-ADJ
상세설명  LM185/LM285/LM385 Adjustable Micropower Voltage References
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM285-ADJ 데이터시트(HTML) 10 Page - Texas Instruments

Back Button LM285-ADJ Datasheet HTML 6Page - Texas Instruments LM285-ADJ Datasheet HTML 7Page - Texas Instruments LM285-ADJ Datasheet HTML 8Page - Texas Instruments LM285-ADJ Datasheet HTML 9Page - Texas Instruments LM285-ADJ Datasheet HTML 10Page - Texas Instruments LM285-ADJ Datasheet HTML 11Page - Texas Instruments LM285-ADJ Datasheet HTML 12Page - Texas Instruments LM285-ADJ Datasheet HTML 13Page - Texas Instruments LM285-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
www.ti.com
*D1 can be any LED, VF=1.5V to 2.2V at 3 mA. D1 may act as an indicator. D1 will be on if ITHRESHOLD falls below the
threshold current, except with I=O.
Figure 31. Precision Floating Current Detector
Figure 32. Centigrade Thermometer, 10mV/°C
Figure 33. Freezer Alarm
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ


유사한 부품 번호 - LM285-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM285-ADJ TI-LM285-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285-ADJ TI-LM285-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   Adjustable Micropower Voltage References
More results

유사한 설명 - LM285-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
[Old version datasheet]   LM185/LM285/LM385 Adjustable Micropower Voltage References
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com