전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N2221AUB 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 2N2221AUB
상세설명  NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2221AUB 데이터시트(HTML) 1 Page - Microsemi Corporation

  2N2221AUB Datasheet HTML 1Page - Microsemi Corporation 2N2221AUB Datasheet HTML 2Page - Microsemi Corporation 2N2221AUB Datasheet HTML 3Page - Microsemi Corporation 2N2221AUB Datasheet HTML 4Page - Microsemi Corporation 2N2221AUB Datasheet HTML 5Page - Microsemi Corporation 2N2221AUB Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/255
T4-LDS-0060 Rev. 2 (100247)
Page 1 of 6
DEVICES
LEVELS
2N2221A
2N2222A
JAN
2N2221AL
2N2222AL
JANTX
2N2221AUA
2N2222AUA
JANTXV
2N2221AUB
2N2222AUB
JANS
2N2221AUBC *
2N2222AUBC *
* Available to JANS quality level only.
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
50
Vdc
Collector-Base Voltage
VCBO
75
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current
IC
800
mAdc
Total Power Dissipation @ TA = +25°C
PT
0.5
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Ambient
2N2221A, L
2N2221AUA
2N2221AUB, UBC
2N2222A, L
2N2222AUA
2N2222AUB, UBC
RθJA
325
210
325
°C/W
Note:
Consult 19500/255 for thermal performance curves.
1.
Derate linearly 3.08mW/°C above TA > +37.5°C
2.
Derate linearly 4.76mW/°C above TA > +63.5°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
50
Vdc
Collector-Base Cutoff Current
VCB = 75Vdc
VCB = 60Vdc
ICBO
10
10
μAdc
ηAdc
Emitter-Base Cutoff Current
VEB = 6.0Vdc
VEB = 4.0Vdc
IEBO
10
10
μAdc
ηAdc
Collector-Emitter Cutoff Current
VCE = 50Vdc
ICES
50
ηAdc
TO-18 (TO-206AA)
2N2221A, 2N2222A
4 PIN
2N2221AUA, 2N2222AUA
3 PIN
2N2221AUB, 2N2222AUB
2N2221AUBC, 2N2222AUBC
(UBC = Ceramic Lid Version)


유사한 부품 번호 - 2N2221AUB

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N2221AUB MICROSEMI-2N2221AUB Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2221AUB MICROSEMI-2N2221AUB Datasheet
144Kb / 7P
   RADIATION HARDENED
2N2221AUB MICROSEMI-2N2221AUB Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR
2N2221AUB MICROSEMI-2N2221AUB Datasheet
142Kb / 6P
   TECHNICAL DATA SHEET NPN SILICON SWITCHING TRANSISTOR
logo
M/A-COM Technology Solu...
2N2221AUB MA-COM-2N2221AUB Datasheet
659Kb / 6P
   Radiation Hardened NPN Silicon Switching Transistors
More results

유사한 설명 - 2N2221AUB

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
2N5664 MICROSEMI-2N5664 Datasheet
60Kb / 2P
   NPN POWER SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/455
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
2N3418JAN MICROSEMI-2N3418JAN Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
JANTXV2N6193 MICROSEMI-JANTXV2N6193 Datasheet
60Kb / 2P
   PNP MEDIUM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/561
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
JANTX2N4399 MICROSEMI-JANTX2N4399 Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/433
JANTX2N5680 MICROSEMI-JANTX2N5680 Datasheet
57Kb / 2P
   PNP POWER TRANSISTOR SILICON AMPLIFIER Qualified per MIL-PRF-19500/582
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com