전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7837SQ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7837SQ
상세설명  LC2MOS Complete, Dual 12-Bit MDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7837SQ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7837SQ Datasheet HTML 4Page - Analog Devices AD7837SQ Datasheet HTML 5Page - Analog Devices AD7837SQ Datasheet HTML 6Page - Analog Devices AD7837SQ Datasheet HTML 7Page - Analog Devices AD7837SQ Datasheet HTML 8Page - Analog Devices AD7837SQ Datasheet HTML 9Page - Analog Devices AD7837SQ Datasheet HTML 10Page - Analog Devices AD7837SQ Datasheet HTML 11Page - Analog Devices AD7837SQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7837/AD7847
REV. C
–9–
APPLICATIONS
PROGRAMMABLE GAIN AMPLIFIER (PGA)
The dual DAC/amplifier combination along with access to RFB
make the AD7837 ideal as a programmable gain amplifier. In this
application, the DAC functions as a programmable resistor in the
amplifier feedback loop. This type of configuration is shown
in Figure 17 and is suitable for ac gain control. The circuit con-
sists of two PGAs in series. Use of a dual configuration provides
greater accuracy over a wider dynamic range than a single PGA
solution. The overall system gain is the product of the individual
gain stages. The effective gains for each stage are controlled by
the DAC codes. As the code decreases, the effective DAC
resistance increases, and so the gain also increases.
DAC B
AGNDA
VOUTB
VREFB
VIN
RFBB
AD7837
VOUT
RFBA
AGNDB
DAC A
VOUTA
VREFA
Figure 17. Dual PGA Circuit
The transfer function is given by
VOUT
VIN
=
REQA
RFBA
×
REQB
RFBB
(1)
where REQA, REQB are the effective DAC resistances controlled
by the digital input code:
REQ
=
212 RIN
N
(2)
where RIN is the DAC input resistance and is equal to RFB and
N = DAC input code in decimal.
The transfer function in (1) thus simplifies to
VOUT
VIN
=
212
N A
×
212
NB
(3)
where NA = DAC A input code in decimal and NB = DAC B
input code in decimal.
NA, NB may be programmed between 1 and (2
12–1). The zero
code is not allowed as it results in an open loop amplifier
response. To minimize errors, the digital codes NA and NB
should be chosen to be equal to or as close as possible to each
other to achieve the required gain.
BIPOLAR OPERATION
(4-QUADRANT MULTIPLICATION)
Figure 16 shows the AD7837/AD7847 connected for bipolar
operation. The coding is offset binary as shown in Table IV.
When VIN is an ac signal, the circuit performs 4-quadrant multi-
plication. To maintain the gain error specifications, resistors R1,
R2 and R3 should be ratio matched to 0.01%. Note that on the
AD7847 the feedback resistor RFB is internally connected to
VOUT.
DAC A
AGNDA
VOUTA
VREFA
VIN
DGND
VSS
RFBA
*
VDD
VDD
AD7837
AD7847
*INTERNALLY
CONNECTED
ON AD7847
R3
10k
R1
20k
AD711
R2
20k
VOUT
VSS
Figure 16. Bipolar Offset Binary Operation
Table IV. Bipolar Code Table
DAC Latch Contents
MSB
LSB
Analog Output, VOUT
1111 1111 1111
+V
IN
×
2047
2048


1000 0000 0001
+V
IN
×
1
2048


1000 0000 0000
0 V
0111 1111 1111
–VIN
×
1
2048


0000 0000 0000
–VIN
×
2048
2048


= –V
IN
Note 1 LSB =
V
IN
2048
.


유사한 부품 번호 - AD7837SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7837SQ AD-AD7837SQ Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837SQ AD-AD7837SQ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837SQ AD-AD7837SQ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7837SQ AD-AD7837SQ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837SQ AD-AD7837SQ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results

유사한 설명 - AD7837SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837 Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com